Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30P02DF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP30P02DF
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP30P02DF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP30P02DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30P02DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30P02DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30P02DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30P02DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30P02DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30P02DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP30P02DF
-20V P-Channel Enhancement Mode MOSFET
AP30P02DF RVE1.1
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max. Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250µA
-20
-
-
V
lGSS
Gate-body Leakage current
VDS=0V, VGS=±12V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain Current TJ= 25°C
VDS=-20V, VGS=0V
-
-
-1
μA
Zero Gate Voltage Drain CurrentTJ= 100°C
-
-
-100
VGS(th)
Gate-Threshold Voltage
VDS=VGS, ID=-250µA
-0.5
-0.65 -1.2
V
RDS(on)
Drain-Source On-Resistance4
VGS=-4.5V, ID=-8A
-
12
16
mΩ
VGS=-2.5V, ID=-6A
-
18
23
gfs
Forward Transconductance4
VDS=-4.5V, ID=-8A
-
36
-
S
Ciss
Input Capacitance
VDS=-10V, VGS= 0V, f =
1MHz
-
1630
-
pF
Coss
Output Capacitance
-
211
-
Crss
Reverse Transfer Capacitance
-
187
-
Rg
Gate Resistance
f=1MHz
-
10
-
Ω
Qg
Total Gate Charge
VGS=-4.5V, VDS=-10V,
ID=-8A
-
12
-
nC
Qgs
Gate-Source Charge
-
1.8
-
Qgd
Gate-Drain Charge
-
3.2
-
td(on)
Turn-On Delay Time
VGS=-4.5V, VDD=-10V,
RG=3Ω, ID=-8A
-
17
-
ns
tr
Rise Time
-
25.5
-
td(off)
Turn-Off Delay Time
-
32
-
tf
Fall Time
-
15
-
VSD
Diode Forward Voltage4
IS=-8A, VGS=0V
-
-
-1.2
V
IS
Continuous Source Current TA= 25°C
-
-
-9
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com