Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30P03D Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP30P03D
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP30P03D Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP30P03D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30P03D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30P03D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30P03D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30P03D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30P03D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30P03D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP30P03D
-30V P-Channel Enhancement Mode MOSFET
AP30P03D REV3.2
永源微電子科技有限公司
Package Mechanical Data:TO-252-3L
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
A2
B
C
D
E
G
H
L
V1
V2
2.10
0
0.66
0.40
2.50
0.10
0.86
0.60
0.083
0
0.026
0.016
0.098
0.004
0.034
0.024
6.40
9.50
10.70
0.374
0.421
0.053
0.065
5.90
6.30
L2
0°
6°
0.232
0.248
6.80
0.252
0.268
4.47
4.67
0.176
0.184
1.09
1.21
0.043
0.048
7°
1.35
1.65
0°
6°
7°
B2
5.18
5.48
0.202
0.216
C2
0.44
0.58
0.017
0.023
D1
E1
5.30REF
4.63
0.182
0.209REF
B2
E
B
G
C2
DETAIL A
DETAIL A
A
C
V1
V1
E1
L2
TO-252
Reel Spectification-TO-252
D0
P0
P2
P1
T
t1
K0
A0
5°
A
A
A A
B
B
B B
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
W
E
F
D0
D1
P0
P1
P2
A0
B0
K0
T
t1
15.90
1.65
7.40
1.40
16.10
1.85
7.60
1.60
0.626
0.065
0.291
0.055
0.634
0.073
0.299
0.063
1.40
1.60
7.90
10.45
10.60
0.411
0.417
0.24
0.27
0.009
0.011
0.055
0.063
3.90
4.10
6.90
0.271
10P0
0.154
0.161
8.10
0.311
0.319
1.90
2.10
0.075
0.083
0.10
0.004
40.00
1.575
2.78
0.109
Φ13
20
16.00
1.75
7.50
1.50
1.50
4.00
8.00
2.00
10.50
0.630
0.069
0.295
0.059
0.059
0.157
0.315
0.079
0.413
6.85
7.00
2.68
2.88
0.270
0.276
0.105
0.113
39.80
40.20
1.567
1.583



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com