Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54LVDS217 Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # UT54LVDS217
Description  Serializer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54LVDS217 Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT54LVDS217 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54LVDS217 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54LVDS217 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54LVDS217 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54LVDS217 Datasheet HTML 10Page - Aeroflex Circuit Technology UT54LVDS217 Datasheet HTML 11Page - Aeroflex Circuit Technology UT54LVDS217 Datasheet HTML 12Page - Aeroflex Circuit Technology UT54LVDS217 Datasheet HTML 13Page - Aeroflex Circuit Technology UT54LVDS217 Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
UT54LVDS217 Serializer: SMD
5962 -
** *
Federal Stock Class Designator: No Options
Total Dose
(R) = 1E5 rad(Si)
(F) = 3E5 rad(Si)
(G) = 5E5 rad(Si)
(H) = 1E6 rad(Si)
Drawing Number: 01534
Device Type
01 = 50MHz LVDS Serializer (contacat factory)
02 = 75MHz LVDS Serializer
Class Designator:
(Q) = QML Class Q
(V) = QML Class V
Case Outline:
(X) = 48 lead Flatpack (dual-in-line)
Lead Finish:
(A) = Hot solder dipped
(C) = Gold
(X) = Factory Option (gold or solder)
01534 **
Notes:
1.Lead finish (A,C, or X) must be specified.
2.If an “X” is specified when ordering, part marking will match the lead finish and will be either “A” (solder) or “C” (gold).
3.Total dose radiation must be specified when ordering. QML Q and QML V not available without radiation hardening.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com