Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28256 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M28256
Description  256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28256 Datasheet(HTML) 3 Page - STMicroelectronics

  M28256 Datasheet HTML 1Page - STMicroelectronics M28256 Datasheet HTML 2Page - STMicroelectronics M28256 Datasheet HTML 3Page - STMicroelectronics M28256 Datasheet HTML 4Page - STMicroelectronics M28256 Datasheet HTML 5Page - STMicroelectronics M28256 Datasheet HTML 6Page - STMicroelectronics M28256 Datasheet HTML 7Page - STMicroelectronics M28256 Datasheet HTML 8Page - STMicroelectronics M28256 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
(2)
–40 to 85
°C
TSTG
Storage Temperature Range
– 65 to 150
°C
VCC
Supply Voltage
– 0.3 to 6.5
V
VIO
Input/Output Voltage
– 0.3 to VCC +0.6
V
VI
Input Voltage
– 0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model)
(3)
4000
V
Notes: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other
relevant quality documents.
2. Depends on range.
3. 100pF through 1500
Ω; MIL-STD-883C, 3015.7
Table 2. Absolute Maximum Ratings (1)
AI01697
ADDRESS
LATCH
A6-A14
(Page Address)
CONTROL LOGIC
256K ARRAY
ADDRESS
LATCH
A0-A5
Y DECODE
VPP GEN
RESET
SENSE AND DATA LATCH
I/O BUFFERS
EG
W
PAGE LOAD
TIMER STATUS
TOGGLE BIT
DATA POLLING
DQ0-DQ7
Figure 3. Block Diagram
3/21
M28256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com