Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CF Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CF
Description  QUAD DIGITAL ISOLATOR WITH SELECTABLE FAILSAFE OUTPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CF Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7240CF Datasheet HTML 6Page - Texas Instruments ISO7240CF Datasheet HTML 7Page - Texas Instruments ISO7240CF Datasheet HTML 8Page - Texas Instruments ISO7240CF Datasheet HTML 9Page - Texas Instruments ISO7240CF Datasheet HTML 10Page - Texas Instruments ISO7240CF Datasheet HTML 11Page - Texas Instruments ISO7240CF Datasheet HTML 12Page - Texas Instruments ISO7240CF Datasheet HTML 13Page - Texas Instruments ISO7240CF Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
-40 -25 -10
5
20
35
50
65
80
95 110 125
T -Free-AirTemperature- C
A
°
Vfs+
Vfs-
V
at5Vor3.3V,
Load=15pF,
AirFlowat7/cf/m,
Low-KBoard
CC
0
10
20
30
40
50
0
2
4
6
V
-OutputVoltage-V
O
T =25 C,
Load=15pF
A
°
V
=5V
CC
V
=3.3V
CC
1
3
5
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
V
-OutputVoltage-V
O
V
=3.3V
CC
V
=5V
CC
T =25 C,
Load=15pF
A
°
ISO7240CF
SLLS869B – SEPTEMBER 2007 – REVISED APRIL 2008 ................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTIC CURVES (continued)
HIGH-LEVEL OUTPUT VOLTAGE
VCC1 FAILSAFE THRESHOLD
vs
vs
HIGH-LEVEL OUTPUT CURRENT
Vout (Vout vs VCC1 ACROSS TEMPERATURE)
vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 9.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s) :ISO7240CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com