Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CFDWG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDWG4
Description  QUAD DIGITAL ISOLATOR WITH SELECTABLE FAILSAFE OUTPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CFDWG4 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7240CFDWG4 Datasheet HTML 1Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 2Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 3Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 4Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 5Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 6Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 7Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 8Page - Texas Instruments ISO7240CFDWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
1
2
3
4
5
6
7
8
ISO7240CF
9
10
11
12
13
14
15
16
DISABLE
INA
GND1
VCC1
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
CTRL
VCC2
IND
OUTD
ISO7240CF
www.ti.com ................................................................................................................................................ SLLS869B – SEPTEMBER 2007 – REVISED APRIL 2008
QUAD DIGITAL ISOLATOR WITH SELECTABLE FAILSAFE OUTPUT
• 0-Mbps (DC) to 25 Mbps Signaling Rate
• Operates with 3.3-V or 5-V Supplies
–
Low Channel-to-Channel Output Skew;
• High Electromagnetic Immunity
2 ns Max
(see application note SLLA181)
–
Low Pulse-Width Distortion (PWD);
• –40°C to 125°C Operating Range
2.5 ns Max
• Typical 25-Year Life at Rated Working Voltage
• Flat Plasma Display Panels
(see application note SLLA197 and Figure 11)
• Industrial Fieldbus
• 4000-V
peak Isolation, 560 Vpeak VIORM
• Computer Peripheral Interface
–
UL 1577 , IEC 60747-5-2 (VDE 0884, Rev 2),
• Servo Control Interface
IEC 61010-1 and CSA Approved
• Data Acquisition
• 4 kV ESD Protection
The ISO7240CF is a quad-channel digital isolator with an input disable function and a selectable high or low
failsafe-output function with the CTRL pin (pin 10). The device has logic input and output buffers separated by
TI’s silicon dioxide (SiO2) isolation barrier. When used in conjunction with isolated power supplies, the device
blocks high voltage, isolates grounds, and prevents noise currents from entering the local ground and interfering
with or damaging sensitive circuitry.
A periodic update pulse is sent across the barrier to ensure the proper dc level of the output. If this dc-refresh
pulse is not received for more than 4
µs, the input is assumed to be unpowered or not being actively driven, and
the failsafe circuit drives the output to the logic state selected by the user.
The failsafe-output is a logic high when a logic-high is placed on the CTRL pin or it is left unconnected. If a
logic-low signal is applied to the CTRL pin, the failsafe-output becomes a logic-low output state.
The ISO7240CF also includes an input disable function that prevents data from being passed across the isolation
barrier to the output. When the inputs are disabled, the outputs are set by the CTRL pin.
This device may be powered from either 3.3-V or 5-V supplies on either side in any combination. Note that the
signal input pins are 5-V tolerant regardless of the voltage supply level being used.
The device is characterized for operation over the ambient temperature range of –40
°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7240CFDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7240CFDWG4 TI-ISO7240CFDWG4 Datasheet
868Kb / 25P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CFDWG4 TI-ISO7240CFDWG4 Datasheet
801Kb / 27P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CFDWG4 TI1-ISO7240CFDWG4 Datasheet
1Mb / 31P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CFDWG4 TI1-ISO7240CFDWG4 Datasheet
2Mb / 46P
High-Speed, Quad-Channel Digital Isolators
More results

Similar Description - ISO7240CFDWG4

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
QUAD-CHANNEL DIGITAL ISOLATOR
logo
Analog Devices
ADUM1310 AD-ADUM1310 Datasheet
377Kb / 16P
Triple-Channel Digital Isolator with Programmable Default Output
10/06-Rev. D to Rev. E
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Analog Devices
ADUM141ES AD-ADUM141ES Datasheet
1Mb / 22P
150 MBPS Quad-Channel Digital Isolator
logo
ON Semiconductor
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com