Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60L-B-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N60L-B-TN3-R
Description  2 Amps,􀀁600/650 Volts N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60L-B-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N60L-B-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N60L-B-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N60L-B-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N60L-B-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N60L-B-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N60L-B-TN3-R Datasheet HTML 6Page - Unisonic Technologies 2N60L-B-TN3-R Datasheet HTML 7Page - Unisonic Technologies 2N60L-B-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N60L
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-182,A
2 Amps, 600/650 Volts
N-CHANNEL MOSFET
DESCRIPTION
The UTC 2N60L is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged
avalanche characteristics. This power MOSFET is usually used at
high speed switching applications in power supplies, PWM motor
controls, high efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 5Ω@VGS = 10V
* Ultra Low gate charge (typical 9.0nC)
* Low reverse transfer capacitance (CRSS = typical 5.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
*Pb-free plating product number: 2N60LL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2N60L-x-TA3-T
2N60LL-x-TA3-T
TO-220
G
D
S
Tube
2N60L-x-TF3-T
2N60LL-x-TF3-T
TO-220F
G
D
S
Tube
2N60L-x-TM3-T
2N60LL-x-TM3-T
TO-251
G
D
S
Tube
2N60L-x-TN3-R
2N60LL-x-TN3-R
TO-252
G
D
S
Tape Reel
2N60L-x-TN3-T
2N60LL-x-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 2N60L-B-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60L-E-K08-5060-R UTC-2N60L-E-K08-5060-R Datasheet
280Kb / 7P
2A, 600V N-CHANNEL POWER MOSFET
2N60L-T2Q-T UTC-2N60L-T2Q-T Datasheet
245Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
2N60L-T2Q-T UTC-2N60L-T2Q-T Datasheet
280Kb / 7P
2A, 600V N-CHANNEL POWER MOSFET
2N60L-T2Q-T UTC-2N60L-T2Q-T Datasheet
294Kb / 7P
N-CHANNEL ENHANCEMENT MODE
2N60L-T2Q-T UTC-2N60L-T2Q-T Datasheet
304Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 2N60L-B-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N65 UTC-2N65 Datasheet
185Kb / 6P
2 Amps, 650 Volts N-CHANNEL POWER MOSFET
15N65 UTC-15N65 Datasheet
170Kb / 7P
15 Amps, 650 Volts N-CHANNEL MOSFET
logo
Chongqing Pingwei Enter...
20N65Y CHONGQING-20N65Y Datasheet
481Kb / 7P
20 Amps,650 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK8N65P FS-FTK8N65P Datasheet
584Kb / 7P
8.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK2N65P FS-FTK2N65P Datasheet
346Kb / 7P
2 Amps, 650 Volts N-CHANNEL MOSFET
FTK7N65D FS-FTK7N65D Datasheet
615Kb / 7P
7.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK8N65PD FS-FTK8N65PD Datasheet
584Kb / 7P
8.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK10N65PD FS-FTK10N65PD Datasheet
289Kb / 7P
10 Amps, 650 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com