Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3352 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3352
Description  3/8 ” Round Trimpot® Trimming Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3352 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3352 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.81 ± .51
(.150 ± 020)
.64
(.025)
1.27
(.050)
8.89
(.350)
5.08
(.200)
X .86
(.034)
X .84
(.033)
9.53 ± .38
(.375 ± .015)
.51 ± .05
(.020 ± .002)
7.62
(.300)
1
2
3
3352
3352E
Top Adjust
10.16
(.400)
2.54
(.100)
5.33
(.210)
3352P
3352T
2.21 ± .38
(.087 ± .015)
3352H
Side Adjust
7.62
(.300)
4.75
(.187)
3352K
3352V
9.14
(.360)
4.37
(.172)
5.08
(.200)
3352W
3.96
(.156)
WIDE
DEEP TYP.
TYP.
TYP.
TYP.
TYP.
4.75
(.187)
TYP.
TYP.
TYP.
DIA. PINS TYP.
MAX.
2.54
(.100)
TYP.
2.54
(.100)
TYP.
2.54
(.100)
4.06
(.160)
5.33
(.210)
MAX.
2.54
(.100)
TYP.
2.54
(.100)
TYP.
2.54
(.100)
TYP.
2.54
(.100)
TYP.
2.54
(.100)
TYP.
MIN. TYP.
MAX.
7.62
(.300)
MAX.
MAX.
MAX.
TYP.
ADJUSTMENT SLOT
LONG
Features
■ Single-Turn / Cermet / Industrial /
Open Frame
■ Stable cermet element offers infinite
resolution
■ Very low profile
■ Seven standard pin styles
■ Thumb and screwdriver adjustment
■ RoHS compliant* version available
■ For trimmer applications/processing
guidelines, click here
3352 - 3/8 ” Round Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and
RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
................................10 to 2 megohms
(see standard resistance table)
Resistance Tolerance ........... ±20 % std.
(tighter tolerance available)
Absolute Minimum Resistance
....................................... 2 ohms max.
Contact Resistance Variation
.......................... 1.0 % or 1 ohm max.
(whichever is greater)
Adjustability
Voltage Divider ...................... ±0.05 %
Rheostat................................ ±0.25 %
Resolution ................................... Infinite
Dielectric Strength
Sea Level................................ 500 vac
80,000 Feet ............................ 350 vac
Adjustment Angle ................. 205 ° nom.
Environmental Characteristics
Power Rating (250 volts max.)
85 °C .................................... 0.50 watt
125 °C ....................................... 0 watt
Temperature Range ... -55 °C to +125 °C
Temperature Coefficient
±100 ppm/ºC ......................... 2K & up
±150 ppm/ºC ...................... Below 2K
Humidity .......MIL-STD-202 Method 103
96 hours
(2 %
ΔTR, 10 Megohms IR)
Vibration ....... 30 G (2 %
ΔTR; 2 % ΔVR)
Shock ......... 100 G (2 %
ΔTR; 2 % ΔVR)
Load Life.. 1,000 hours 0.5 watt @ 85 °C
............................................(3 %
ΔTR)
Rotational Life .......................200 cycles
(10 %
ΔTR)
Physical Characteristics
Mechanical Angle ................. 250 ° nom.
Torque............................. 3.0 oz-in. max.
Stop Strength .................... 8 oz -in. min.
Terminals ....................... Solderable pins
Weight ....................................... 0.01 oz.
Marking........................... Manufacturer’s
trademark, resistance value
and model number.
Date code on packaging.
Wiper ............... 50 % (Actual TR) ±10 %
Standard Packaging ....100 pcs. per bag
Adjustment Tool..............................H-90
Aqueous cleaning not recommended.
Product Dimensions
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3352 W - 1 - 103 LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Terminations
LF =
100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Consult factory for other available options.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
REV. 04/14
Popular values listed in boldface. Special
resistances available.
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - 3352

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3352 BOURNS-3352 Datasheet
93Kb / 1P
3/8 Round Trimming Potentiometer
logo
Pomona Electronics
3352 POMONA-3352 Datasheet
65Kb / 2P
PJ-051 (WE310) Phone Plug To Alligator Clips
logo
List of Unclassifed Man...
3352 ETC2-3352 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3352 ETC2-3352 Datasheet
68Kb / 1P
WASHERS
3352 ETC-3352 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
More results

Similar Description - 3352

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3352 BOURNS-3352_13 Datasheet
200Kb / 1P
Round Trimpot Trimming Potentiometer
3352T-1-103 BOURNS-3352T-1-103 Datasheet
123Kb / 1P
3352 - 3/8 Round Trimpot Trimming Potentiometer
RJ50FP103 BOURNS-RJ50FP103 Datasheet
125Kb / 1P
Round Trimpot Trimming Potentiometer
3352P-1-503LF BOURNS-3352P-1-503LF Datasheet
123Kb / 1P
3352 - 3/8 Round Trimpot Trimming Potentiometer
3386X-1-103TLF BOURNS-3386X-1-103TLF Datasheet
407Kb / 3P
3386 - 3/8 Square Trimpot Trimming Potentiometer
3352E-1-103LF BOURNS-3352E-1-103LF Datasheet
208Kb / 1P
3352 - 3/8 Round Trimpot Trimming Potentiometer
3352H-1-503LF BOURNS-3352H-1-503LF Datasheet
123Kb / 1P
3352 - 3/8 Round Trimpot Trimming Potentiometer
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C197 AVAGO-HSMC-C197 Datasheet
188Kb / 10P
3296 - 3/8 Square Trimpot Trimming Potentiometer
logo
Bourns Electronic Solut...
3352T-1-202LF BOURNS-3352T-1-202LF Datasheet
208Kb / 1P
3352 - 3/8 Round Trimpot Trimming Potentiometer
3386H-1-502LF BOURNS-3386H-1-502LF Datasheet
407Kb / 3P
3386 - 3/8 Square Trimpot Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com