Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX921 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSX921
Description  Tiny, low power, 16 V single operational amplifier for cost-optimized systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX921 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSX921 Datasheet HTML 11Page - STMicroelectronics TSX921 Datasheet HTML 12Page - STMicroelectronics TSX921 Datasheet HTML 13Page - STMicroelectronics TSX921 Datasheet HTML 14Page - STMicroelectronics TSX921 Datasheet HTML 15Page - STMicroelectronics TSX921 Datasheet HTML 16Page - STMicroelectronics TSX921 Datasheet HTML 17Page - STMicroelectronics TSX921 Datasheet HTML 18Page - STMicroelectronics TSX921 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
List of figures
Figure 1.
Pin connections (top view) ............................................................ 2
Figure 2.
Supply current vs. supply voltage at Vicm = VCC/2 ............................................ 8
Figure 3.
Output current vs. output voltage at VCC = 3.3 V ............................................. 8
Figure 4.
Output current vs. output voltage at VCC = 5 V .............................................. 8
Figure 5.
Output current vs. output voltage at VCC = 16 V ............................................. 8
Figure 6.
Bode diagram at VCC = 3.3 V .......................................................... 8
Figure 7.
Bode diagram at VCC = 5 V ........................................................... 8
Figure 8.
Bode diagram at VCC = 16 V .......................................................... 9
Figure 9.
Phase margin vs. capacitive load at VCC = 12 V ............................................. 9
Figure 10.
GBP vs. input common-mode voltage at VCC = 12 V .......................................... 9
Figure 11.
Avd vs. input common-mode voltage at VCC = 12 V ........................................... 9
Figure 12.
Slew rate vs. supply voltage ........................................................... 9
Figure 13.
Noise vs. frequency at VCC = 3.3 V ...................................................... 9
Figure 14.
Noise vs. frequency at VCC = 5 V ...................................................... 10
Figure 15.
Noise vs. frequency at VCC = 16 V ..................................................... 10
Figure 16.
Distortion and noise vs. output voltage amplitude ........................................... 10
Figure 17.
Distortion and noise vs. amplitude at Vicm = VCC/2 and VCC = 12 V ............................... 10
Figure 18.
Distortion and noise vs. frequency...................................................... 10
Figure 19.
SOT23-5 package outline ........................................................... 13
LMC7101
List of figures
DS13567 - Rev 1
page 18/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com