Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90SD1636CFC Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI90SD1636CFC
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636CFC Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI90SD1636CFC Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90SD1636CFC Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
PS8922A
11/08/07
PI90SD1636C
SERDES Gigabit Ethernet Transceiver
Stresses above those listed underAbsolute
Maximum Ratings may cause permanent
damage to the device. These ratings are
stress specifications only and correct
functional operation of the device at
these or any other conditions above those
listed in the operational sections of the
specifications is not implied. Exposure
to absolute maximum rating conditions
for extended periods may affect product
reliability.
Table 5. AC Electrical Characteristics TA = 0°C to +70°C, VCC = 3.15V to 3.45V
Symbol
Parameter
Min.
Typ.
Max.
Unit
tr,REFCLK
REFCLK Rise Time, 0.8 to 2.0 Volts
2.4
ns
tf,REFCLK
REFCLK Fall Time, 2.0 to 0.8 Volts
2.4
tr,TTL_IN
Input TTL Rise Time, 0.8 to 2.0 Volts
2
tf,TTL_IN
Input TTL Fall Time, 2.0 to 0.8 Volts
2
tr,TTL_OUT
Output TTL Rise Time, 0.8 to 2.0 Volts, 10 pF Load
1.5
2.4
tf,TTL_OUT
Output TTL Fall Time, 2.0 to 0.8 Volts, 10 pF Load
1.1
2.4
trs,HS_OUT
HS_OUT Single-Ended (DOUT+) Rise Time
85
225
327
ps
tfs,HS_OUT
HS_OUT Single-Ended (DOUT+) Fall Time
85
200
327
VIP,HS_IN
HS_IN Input Peak-to-Peak Differential Voltage
200
1200
2000
mV
VOP,HS_
OUT
(1)
HS_OUT Output Peak-to-Peak Differential Voltage
1200
1600
2000
Table 4. Guaranteed Operating Rates TA = 0oC to +70oC, VCC = 3.15V to 3.45V
Parallel Clock Rate (MHz)
SerialBaud Rate (Mbaud)
Min.
Max.
Min.
Max.
124.0
126.0
1240
1260
Note:
1.
Output Peak-to-Peak Differential Voltage specified as DOUT+ minus DOUT-
Table 3. Absolute Maximun Ratings
Symbol
Parameter
Min.
Max.
Units
VCC
Supply voltage
-0.5
5.0
V
VIN,TTL
TTL Input Voltage
-0.7
VCC + 2.8
VIN,HS_IN
High-Speed Input Voltage
2.0
VCC
IOUT,TTL
TTL Output Source Current
13
mA
Tstg
Storage Temperature
-65
+150
°C
Tj
Junction Operating Temperature
0
+150
07-0253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com