Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90SD1636CFDE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI90SD1636CFDE
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636CFDE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI90SD1636CFDE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
PS8922A
11/08/07
PI90SD1636C
SERDES Gigabit Ethernet Transceiver
Input Data
Latch
DOUT+
DOUT-
EWRAP
10
10
DIN+
DIN-
10
10
125 MHz
62.5 MHz
62.5 MHz
Shift Registers
TX PLL Clock
Generator
TX<9:0>
TX_CLK
Shift
Registers
RX PLL Clock
Recovery
FRAME
ENABLE
Output Latch
10
÷ 2
RX_CLK<1>
RX_CLK<0>
RX<9:0>
EN_CDET
COM_DET
Functional Block Diagram
07-0253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com