Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDUT5VMUHT-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CPDUT5VMUHT-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDUT5VMUHT-HF Datasheet(HTML) 3 Page - Comchip Technology

  CPDUT5VMUHT-HF Datasheet HTML 1Page - Comchip Technology CPDUT5VMUHT-HF Datasheet HTML 2Page - Comchip Technology CPDUT5VMUHT-HF Datasheet HTML 3Page - Comchip Technology CPDUT5VMUHT-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD ESD Protection Diode
Page 3
Comchip Technology CO., LTD.
REV:A
1.20 ± 0.15
0.047 ± 0.006
1.84 ± 0.11
0.80 + 0.15
− 0.22
0.072 ± 0.004
0.031 + 0.006
− 0.009
1.50 + 0.15
− 0.10
0.059 + 0.006
− 0.004
181.00 Max
7.126 Max
55.00 ± 5.00
2.165 ± 0.197
0.512 + 0.020
− 0.008
13.00 + 0.50
− 0.20
SYMBOL
(mm)
(inch)
(inch)
(mm)
SYMBOL
A
B
C
d
D
D1
W
D2
W1
E
F
P
T
P1
P0
1.75 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
0.069 ± 0.004
0.157 ± 0.004 0.079 ± 0.002 0.008 ± 0.003
0.215 ± 0.065
8.00 + 0.30
− 0.20
0.315 + 0.012
− 0.008
11.60 Max
0.457 Max
D
D1
D2
W1
DFN1610
-2L
DFN1610
-2L
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
Reel Taping Specification
A
B
d
E
F
P
P0
P1
W
C
T
3.50 ± 0.10
0.138 ± 0.004
4.00 ± 0.10
0.157 ± 0.004
QW-JP159



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com