Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDUT7VMUAHT-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDUT7VMUAHT-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDUT7VMUAHT-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDUT7VMUAHT-HF Datasheet HTML 1Page - Comchip Technology CPDUT7VMUAHT-HF Datasheet HTML 2Page - Comchip Technology CPDUT7VMUAHT-HF Datasheet HTML 3Page - Comchip Technology CPDUT7VMUAHT-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
Comchip Technology CO., LTD.
QW-JP157
REV:A
SMD ESD Protection Diode
RoHS Device
Halogen Free
CPDUT7VMUAHT-HF
Dimensions in inches and (millimeter)
DFN1610-2L
0.022(0.55)
0.018(0.45)
0.002(0.05)
Max.
0.065(1.65)
0.061(1.55)
0.041(1.05)
0.037(0.95)
0.033(0.85)
0.030(0.75)
0.018(0.45)
0.014(0.35)
0.043(1.10)
BSC
0.006(0.15)
0.010(0.25)
0.006(0.15)
0.010(0.25)
Mechanical data
- Case: DFN1610-2L package,
molded plastic.
- Mounting position: Any.
- Polarity: Indicated by cathode band.
Circuit Diagram
Forward voltage
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
Peak pulse power
PPP
W
Operating temperature range
TJ
°C
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
ESD capability
Peak pulse current
IPP
A
TP = 8/20µs
TP = 8/20µs
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Breakdown voltage
VBR
V
IT = 1mA
Reverse leakage current
IR
µA
VRWM = 7V
Clamping voltage
V
V
Working peak reverse voltage
VRWM
Junction capacitance
CJ
pF
VR = 0V, f = 1MHz
7
7.8
9
707
TLP = 16A, TP = 0.2/100ns
VC
-55 to +125
±30
100
9
1600
1
Clamping voltage
VC
IPP = 20A, TP = 8/20µs
V
IF = 15mA
VF
0.6
V
1.2
Storage temperature range
TSTG
°C
-55 to +150
10.5
Features
- IEC 61000-4-2 (ESD) ±30kV (air/contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 100A (8/20µs)
- ESD/Surge protection for 1 line with Unidirectional.
- High surge protection.
- Fast turn-on and low clamping voltage.
0.008(0.20)
0.004(0.10)
Pin 1
Pin 2
IPP = 100A, TP = 8/20µs
VC
14
16


Similar Part No. - CPDUT7VMUAHT-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDUT4V8MUHT-HF COMCHIP-CPDUT4V8MUHT-HF Datasheet
580Kb / 4P
SMD ESD Protection Diode
REV:A
CPDUT5VMHT-HF COMCHIP-CPDUT5VMHT-HF Datasheet
539Kb / 4P
SMD ESD Protection Diode
REV:A
CPDUT5VMUHT-HF COMCHIP-CPDUT5VMUHT-HF Datasheet
532Kb / 4P
SMD ESD Protection Diode
REV:A
More results

Similar Description - CPDUT7VMUAHT-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com