Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AL008D Datasheet(PDF) 21 Page - SPANSION

Part # S29AL008D
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D Datasheet(HTML) 21 Page - SPANSION

Back Button S29AL008D Datasheet HTML 17Page - SPANSION S29AL008D Datasheet HTML 18Page - SPANSION S29AL008D Datasheet HTML 19Page - SPANSION S29AL008D Datasheet HTML 20Page - SPANSION S29AL008D Datasheet HTML 21Page - SPANSION S29AL008D Datasheet HTML 22Page - SPANSION S29AL008D Datasheet HTML 23Page - SPANSION S29AL008D Datasheet HTML 24Page - SPANSION S29AL008D Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
February 16, 2006 S29AL008D_00A4
S29AL008D
19
Data
Sheet
The system must issue the reset command to re-enable the device for reading
array data if DQ5 goes high, or while in the autoselect mode. See the Reset Com-
mand, next.
See also Requirements for Reading Array Data, on page 10 for more information.
The table provides the read parameters, and Figure 13, on page 37 shows the
timing diagram.
Reset Command
Writing the reset command to the device resets the device to reading array data.
Address bits are don’t care for this command.
The reset command may be written between the sequence cycles in an erase
command sequence before erasing begins. This resets the device to reading array
data. Once erasure begins, however, the device ignores reset commands until the
operation is complete.
The reset command may be written between the sequence cycles in a program
command sequence before programming begins. This resets the device to read-
ing array data (also applies to programming in Erase Suspend mode). Once
programming begins, however, the device ignores reset commands until the op-
eration is complete.
The reset command may be written between the sequence cycles in an autoselect
command sequence. Once in the autoselect mode, the reset command must be
written to return to reading array data (also applies to autoselect during Erase
Suspend).
If DQ5 goes high during a program or erase operation, writing the reset command
returns the device to reading array data (also applies during Erase Suspend).
Autoselect Command Sequence
The autoselect command sequence allows the host system to access the manu-
facturer and devices codes, and determine whether or not a sector is protected.
Table 5, on page 24 shows the address and data requirements. This method is an
alternative to that shown in Table 4, on page 15, which is intended for PROM pro-
grammers and requires VID on address bit A9.
The autoselect command sequence is initiated by writing two unlock cycles, fol-
lowed by the autoselect command. The device then enters the autoselect mode,
and the system may read at any address any number of times, without initiating
another command sequence.
A read cycle at address XX00h retrieves the manufacturer code. A read cycle at
address XX01h in word mode (or 02h in byte mode) returns the device code. A
read cycle containing a sector address (SA) and the address 02h in word mode
(or 04h in byte mode) returns 01h if that sector is protected, or 00h if it is un-
protected. Refer to Table 2, on page 13 and Table 3, on page 14 for valid sector
addresses.
The system must write the reset command to exit the autoselect mode and return
to reading array data.
Word/Byte Program Command Sequence
The system may program the device by word or byte, depending on the state of
the BYTE# pin. Programming is a four-bus-cycle operation. The program com-
mand sequence is initiated by writing two unlock write cycles, followed by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com