Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40N10P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP40N10P
Description  100V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40N10P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP40N10P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40N10P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40N10P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40N10P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40N10P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40N10P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40N10P Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP40N10P
100V N-Channel Enhancement Mode MOSFET
AP40N10P RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250μA
100
108
-
V
IDSS
Drain-Source Leakage Current
VDS = 80V, VGS = 0V
-
-
1
μA
IGSS
Gate to Body Leakage Current
VDS = 0V, VGS = ±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250μA
2.0
2.8
4.0
V
RDS(on)
Static Drain-Source On-Resistance
VGS = 10V, ID = 15A
-
18
25
mΩ
VGS = 4.5V, ID = 10A
-
28
38
mΩ
gfs
Forward Threshold Voltage
VDS= 10V, ID= 20A
-
22
-
S
Rg
Gate Resistance
VDS = VGS=0V, f = 1.0MHz
-
1.62
-
Ω
Ciss
Input Capacitance
VDS = 50V, VGS = 0V, f =
1.0MHz
-
822
-
pF
Coss
Output Capacitance
-
310
-
pF
Crss
Reverse Transfer Capacitance
-
23.5
-
pF
Qg
Total Gate Charge
VDS= 50V, ID = 20A,
VGS = 10V
-
22.7
-
nC
Qgs
Gate-Source Charge
-
6.2
-
Qgd
Gate-Drain(“Miller”) Charge
-
5.3
-
td(on)
Turn-On Delay Time
VDS = 50V, ID = 20A,
RG = 3Ω, VGS=10V
-
15
-
ns
tr
Turn-On Rise Time
-
3.2
-
td(off)
Turn-Off Delay Time
-
30
-
tf
Turn-Off Fall Time
-
7.6
-
IS
Continuous Source Current
-
-
25
A
VSD
Diode Forward Voltage
IS=20A . VGS = 0V
-
0.88
1.0
V
trr
Reverse Recovery Time
ISD=20A, dlSD/dt=100A/μs
-
45
-
ns
Qrr
Reverse Recovery Charge
-
59
-
nC
Notes:
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≤ 300us , duty cycle ≤ 2%
3、The EAS data shows Max. rating . The test condition is VDD=50V, VGS=10V, L=0.5mH, IAS=8A
4、The power dissipation is limited by 150°C junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com