Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40N15F Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP40N15F
Description  150V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP40N15F Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP40N15F Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40N15F Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40N15F Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40N15F Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40N15F Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40N15F Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40N15F Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP40N15FITIP
150V N-Channel Enhancement Mode MOSFET
AP40N15F/P/T RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
150
---
---
V
RDS(ON)
Static Drain-Source On-Resistance2
VGS=10V , ID=20A
---
35
46
mΩ
Static Drain-Source On-Resistance2
VGS=4.5V , ID=20A
---
37
50
mΩ
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
2.0
2.5
V
IDSS
Drain-Source Leakage Current
VDS=120V , VGS=0V , TJ=25
℃
---
---
1
uA
VDS=120V , VGS=0V , TJ=55
℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=5V , ID=20A
---
55
---
S
Qg
Total Gate Charge (4.5V)
VDS=75V , VGS=4.5V , ID=10A
---
40
---
nC
Qgs
Gate-Source Charge
---
10
---
Qgd
Gate-Drain Charge
---
21
---
Td(on)
Turn-On Delay Time
VDD=50V , VGS=4.5V ,
RG=3.3Ω
ID=10A
---
18
---
ns
Tr
Rise Time
---
20
---
Td(off)
Turn-Off Delay Time
---
65
---
Tf
Fall Time
---
15
---
Ciss
Input Capacitance
VDS=25V , VGS=0V , f=1MHz
---
3755
---
pF
Coss
Output Capacitance
---
207
---
Crss
Reverse Transfer Capacitance
---
160
---
IS
Continuous Source Current1,5
VG=VD=0V , Force Current
---
---
30
A
VSD
Diode Forward Voltage2
VGS=0V , IS=1A , TJ=25
℃
---
---
1.2
V
trr
Reverse Recovery Time
IF=10A , dI/dt=100A/µs ,
TJ=25
℃
---
35
---
nS
Qrr
Reverse Recovery Charge
---
120
---
nC
Notes:
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≤ 300us , duty cycle ≤ 2%
3、The EAS data shows Max. rating . The test condition is VDD=50V, VGS=10V, L=0.5mH, IAS=38A
4、The power dissipation is limited by 150°C junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com