Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP50G04GD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP50G04GD
Description  40V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP50G04GD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP50G04GD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50G04GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50G04GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50G04GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50G04GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50G04GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50G04GD Datasheet HTML 7Page - A POWER MICROELECTRONICS AP50G04GD Datasheet HTML 8Page - A POWER MICROELECTRONICS AP50G04GD Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP50G04GD
40V N+P-Channel Enhancement Mode MOSFET
AP50G04GD REV1.0
永源微電子科技有限公司
Description
The AP50G04GD uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS =40V ID =52A
RDS(ON) < 9.0mΩ @ VGS=10V (Type:6.5mΩ)
VDS = -40V ID =-48A
RDS(ON) < 16mΩ @ VGS=-10V (Type:11mΩ)
Application
BLDC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP50G04GD
TO-252-4L
AP50G04GD XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
40
-40
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
52
-48
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
41
-38
A
IDM
Pulsed Drain Current2
170
-150
A
EAS
Single Pulse Avalanche Energy3
289
378
mJ
IAS
Avalanche Current
42
-50
A
PD@TC=25℃
Total Power Dissipation4
58
61.3
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃
/W
RθJC
Thermal Resistance Junction-Case1
2.3
℃
/W


Similar Part No. - AP50G04GD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP50G03GD APME-AP50G03GD Datasheet
1Mb / 10P
30V NP-Channel Enhancement Mode MOSFET
AP50G06GD APME-AP50G06GD Datasheet
2Mb / 10P
60V NP-Channel Enhancement Mode MOSFET
More results

Similar Description - AP50G04GD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
logo
DONGGUAN YOU FENG WEI E...
YFW10G04DF YFWDIODE-YFW10G04DF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10G04S YFWDIODE-YFW10G04S Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G04S YFWDIODE-YFW6G04S Datasheet
2Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G04S YFWDIODE-YFW8G04S Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G04NF YFWDIODE-YFW15G04NF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G04GD YFWDIODE-YFW20G04GD Datasheet
2Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G04NF YFWDIODE-YFW20G04NF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G04GD YFWDIODE-YFW25G04GD Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com