Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP50N04DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP50N04DF
Description  40V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP50N04DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP50N04DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50N04DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50N04DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50N04DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50N04DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50N04DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50N04DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP50N04DF
40V N-Channel Enhancement Mode MOSFET
AP50N04DF REV1.0
永源微電子科技有限公司
Description
The AP50N04DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 40V ID =50A
RDS(ON) < 18mΩ @ VGS=10V (Type:13mΩ)
Application
VBUS
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP50N04DF
PDFN3X3-8L
AP50N04DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
50
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
25
A
IDM
Pulsed Drain Current2
180
A
EAS
Single Pulse Avalanche Energy3
313
mJ
IAS
Avalanche Current
25
A
PD@TC=25℃
Total Power Dissipation4
31.3
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-ambient
62.5
℃
/W
RθJC
Thermal Resistance Junction-Case1
3
℃
/W


Similar Part No. - AP50N04DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP50N04NF APME-AP50N04NF Datasheet
725Kb / 7P
40V N-Channel Enhancement Mode MOSFET
REV1.0
AP50N04S APME-AP50N04S Datasheet
1Mb / 7P
40V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP50N04DF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com