Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8230AS Datasheet(PDF) 2 Page - NEC

Part # SM8230AS
Description  Tone Dialer with Built-in Piezo Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SM8230AS Datasheet(HTML) 2 Page - NEC

  SM8230AS Datasheet HTML 1Page - NEC SM8230AS Datasheet HTML 2Page - NEC SM8230AS Datasheet HTML 3Page - NEC SM8230AS Datasheet HTML 4Page - NEC SM8230AS Datasheet HTML 5Page - NEC SM8230AS Datasheet HTML 6Page - NEC SM8230AS Datasheet HTML 7Page - NEC SM8230AS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SM8230A
SEIKO NPC CORPORATION —2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O
Description
1
SD
I
Serial data input
2
SCL
I
Serial data transfer clock input.
(For valid transfer, OE must stay LOW for 16 clock cycles.)
3OE
I
DTMF output enable/serial data transfer select input.
Serial data transfer is selected when LOW.
4
VSS
–
Ground
5
CLK
I
System clock input. The clock can be set to one of four frequencies (480kHz,
960kHz, 1.92MHz, 3.84MHz).
6
BZL
O
DTMF low-frequency group analog output
7
BZH
O
DTMF high-frequency group analog output
8
VDD
–
Supply voltage
CLK
OE
BZL
VSS
SCL
VDD
SD
BZH
LATCH
SELECTOR
Programmable
Counter
High Group
ROM
D/A
Converter
Output
Control
Programmable
Counter
Low Group
ROM
D/A
Converter
Output
Control



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com