Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-LS3NW Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3S-LS3NW
Description  Printed Circuit Board Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-LS3NW Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3S-LS3NW Datasheet HTML 1Page - Omron Electronics LLC E3S-LS3NW Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-291
E3S-LS3N
Output Circuit Diagram
NPN output (PNP output will be available soon)
Dimensions (Unit: mm)
Model
Operating
status of output
transistor
Timing chart
Output circuit
E3S-LS3N
E3S-LS3NW
Light ON
Rating/performance
* At 80 x 80 mm
Sensor
Limited reflective
Item
Model
E3S-LS3N
E3S-LS3NW
Sensing
White art
20 to 35 mm
10 to 60 mm
Black paper 20 to 30 mm
15 to 50 mm
Light source
(wave length)
Red LED (660 nm)
Power supply voltage 12 to 24 V DC ±10%, ripple (p-p) 10% or less
Current consumption 25 mA max.
Control output
Load supply voltage: 24 VDC or less; load current: 50 mA or less
(residual voltage 1 V or less); NPN open collector output type
Response time
Operation or reset: 1 ms max.
Ambient illuminance
Incandescent lamp: 5,000 lux max.
Ambient temperature Operating: -10° to 55°, Storage: -25° to 70°C (with no icing or condensation)
Ambient humidity
Operating: 35% to 85%RH, Storage: 35% to 95%RH (with no condensation)
Insulation resistance
20 M
W min. at 500 VDC
Dielectric strength
1,000 VAC at 50/60 Hz for 1 minute
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Protective structure
IEC Standard IP40
Connection method
Pre-wired models (standard length: 2 m)
Weight (Packed state)
Approx. 50 g
Material
Case
Heat-resistant ABS resin
Lens
Acrylics
Accessories
Instruction manual
Characteristic data (typical)
Detection range - material properties
E3S-LS3N/E3S-LS3NW
90
80
70
60
50
40
30
20
10
0
Material
E3S-LS3N
E3S-LS3NW
Incident
Interrupted
ON
OFF
ON
OFF
Operation indicator
(orange)
Output
transistor
Z
Operation
indicator
(orange)
Main
circuit
12 to 24 VDC
0V
OUT
Load
Brown
Black
Blue
3
12.3
5.3
16.5
19
10
34
28
28
Receiver
Operation indicator (orange)
"Vinyl-insulated round cable of 4 dia.
3 cores conductor cross-sectional area:
0.12mm2; insulation diameter: 1.2 mmStandard length: 2 m"
Two, M3
mounting holes
Two, 3 dia.
Emitter
Mounting Holes
E3S-LS3N
E3S-LS3NW
CAD file
E3S_51



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com