Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6800AGIP Datasheet(PDF) 1 Page - Champion Microelectronic Corp.

Part # CM6800AGIP
Description  LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6800AGIP Datasheet(HTML) 1 Page - Champion Microelectronic Corp.

  CM6800AGIP Datasheet HTML 1Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 2Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 3Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 4Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 5Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CM6800A
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2006/10/11 Rev. 1.3
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
Patent Number #5,565,761, #5,747,977, #5,742,151,
#5,804,950, #5,798,635
Pin to pin compatible with ML4800 and FAN6800
Additional folded-back current limit for PWM section.
23V Bi-CMOS process
VIN OK turn on PWM at 2.25V instead of 1.5V(ML4800).
Internally synchronized leading edge PFC and trailing edge
PWM in one IC
Slew rate enhanced transconductance error amplifier for
ultra-fast PFC response
Low start-up current (100
μ A typ.)
Low operating current (3.0mA type.)
Low total harmonic distortion, high PF
Reduces ripple current in the storage capacitor between the
PFC and PWM sections
Average current, continuous or discontinuous boost leading
edge PFC
VCC OVP Comparator, Low Power Detect Comparator
PWM configurable for current mode or voltage mode
operation
Current fed gain modulator for improved noise immunity
Brown-out control, over-voltage protection, UVLO, and soft
start, and Reference OK
The CM6800A is a controller for power factor corrected,
switched mode power suppliers. Power Factor Correction
(PFC) allows the use of smaller, lower cost bulk capacitors,
reduces power line loading and stress on the switching
FETs, and results in a power supply that fully compiles with
IEC-1000-3-2 specifications. Intended as a BiCMOS
version of the industry-standard ML4824, CM6800A
includes circuits for the implementation of leading edge,
average current, “boost” type power factor correction and a
trailing edge, pulse width modulator (PWM). Gate-driver
with 1A capabilities minimizes the need for external driver
circuits. Low power requirements improve efficiency and
reduce component costs.
An over-voltage comparator shuts down the PFC section in
the event of a sudden decrease in load. The PFC section
also includes peak current limiting and input voltage
brownout protection. The PWM section can be operated in
current or voltage mode, at up to 250kHz, and includes an
accurate 50% duty cycle limit to prevent transformer
saturation.
CM6800A includes an additional folded-back current limit
for PWM section to provide short circuit protection function.
APPLICATIONS
PIN CONFIGURATION
Desktop PC Power Supply
Internet Server Power Supply
IPC Power Supply
UPS
Battery Charger
DC Motor Power Supply
Monitor Power Supply
Telecom System Power Supply
Distributed Power
SOP-16 (S16) / PDIP-16 (P16)
Top View
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IEAO
IAC
ISENSE
VRMS
SS
VDC
RAMP1
RAMP2
VEAO
VFB
VREF
VCC
PFC OUT
PW M OUT
GND
DC ILIMIT


Similar Part No. - CM6800AGIP

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6800AGIP CHAMP-CM6800AGIP Datasheet
295Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
More results

Similar Description - CM6800AGIP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
List of Unclassifed Man...
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Semtech Corporation
SC4911 SEMTECH-SC4911 Datasheet
217Kb / 14P
Bias/Primary Side PWM Controller with Ultra Low Start-up Current
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
Low Start-Up Current PFC/PWM Controller Combos
FAN4800 FAIRCHILD-FAN4800_10 Datasheet
411Kb / 19P
Low Startup Current PFC/PWM Controller Combinations
FAN4800 FAIRCHILD-FAN4800_06 Datasheet
315Kb / 20P
Low Start-Up Current PFC/PWM Controller Combos
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
Current Mode PWM Controller Low Start-Up and Operating Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com