Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90312 Datasheet(PDF) 7 Page - Amphenol Communications Solutions

Part # 90312
Description  Minitek® Crimp-to-Wire
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

90312 Datasheet(HTML) 7 Page - Amphenol Communications Solutions

Back Button 90312 Datasheet HTML 3Page - Amphenol Communications Solutions 90312 Datasheet HTML 4Page - Amphenol Communications Solutions 90312 Datasheet HTML 5Page - Amphenol Communications Solutions 90312 Datasheet HTML 6Page - Amphenol Communications Solutions 90312 Datasheet HTML 7Page - Amphenol Communications Solutions 90312 Datasheet HTML 8Page - Amphenol Communications Solutions 90312 Datasheet HTML 9Page - Amphenol Communications Solutions 90312 Datasheet HTML 10Page - Amphenol Communications Solutions 90312 Datasheet HTML 11Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
Minitek® Eject Latch Header
TECHNICAL INFORMATION
MATERIALS
§
Housing: Body, cream-colored LCP, Latch black PA
§
Flammability Rating: UL94V-0
§
Pin: Phosphor-bronze
§
Plating: Gold/GXT over 1.27µm (50µin.) nickel
MECHANICAL PERFORMANCE
§
Latching retention force: 30 N min.
ELECTRICAL PERFORMANCE
§
Current Rating: 2A continuous
§
Insulation Resistance: 1 x 105MΩ min.
§
Contact Resistance: 25mΩ max.
§
Dielectric Withstanding Voltage: 650V
§
Voltage Rating: 200V
ENVIRONMENTAL
§
Latching Retention Force: 30 N min.
APPROVALS & CERTIFICATION
§
This product is RoHS compatible according to the
European Union Directive 2002/95/IEC
SPECIFICATIONS
§
File no. E66906
§
File no. LR46923
§
Product Drawing: By 8-digit part number
§
Product Specification: GS-12-469
PACKAGING
§
Standard: Tubes
PROCESSING INFORMATION
§
Compatible with wave, vapor-phase, and IR ref-low
soldering processes
TARGET MARKETS/APPLICATIONS
Electronic Control Systems
Communications
Servers
Communication Equipment
Industrial Automation
Instrumentation
Vending Machines
Descrption
Part Numbers
Eject Latch Header Shrouded, Vertical, Double Row, TMT
10078991
Eject Latch Header Shrouded, Vertical, Double Row, PIP
10078993
Eject Latch Header Shrouded, Vertical, Double Row, SMT
10078995
PART NUMBERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com