Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX400 Datasheet(PDF) 1 Page - Semtech Corporation

Part # EX400
Description  Low-Power 5G RedCap and Wi-Fi 6 Connectivity in a Semi-Rugged, Compact Router for Commercial IoT Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EX400 Datasheet(HTML) 1 Page - Semtech Corporation

  EX400 Datasheet HTML 1Page - Semtech Corporation EX400 Datasheet HTML 2Page - Semtech Corporation EX400 Datasheet HTML 3Page - Semtech Corporation EX400 Datasheet HTML 4Page - Semtech Corporation EX400 Datasheet HTML 5Page - Semtech Corporation EX400 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
DATASHEET
semtech.com | All specifications subject to change without notice | 2026.01.27
AirLink®EX400
Low-Power 5G RedCap
Low-Power 5G RedCap
and Wi-Fi 6 Connectivity
and Wi-Fi 6 Connectivity
in a Semi-Rugged,
in a Semi-Rugged,
Compact Router for
Compact Router for
Commercial IoT
Commercial IoT
Applications
Applications
EX400 Product Description
The EX400 AirLink router brings 5G RedCap and Wi-Fi 6 connectivity to commercial IoT applications such
as digital signage, EV charging, smart lockers, or smart agriculture. This semi-ruggedized solution features
ultra-low power consumption, making it ideal for solar and battery-powered installations in indoor or
protected outdoor locations. Featuring a compact design with just two antenna elements, the EX400
delivers reliable 5G RedCap connectivity that enables long-term network longevity for IoT applications.
A Fully Integrated Solution
The AirLink EX400 is fully integrated with AirLink Complete – a comprehensive service package that
includes remote device and security management, expert technical support and extended hardware
warranty. For enhanced capabilities, upgrade to AirLink Premium to add Advanced Mobility Reporting and
Advance Replacement. Organizations preferring on-premise management can also opt for the AirLink
Manager (AM) or AirLink Mobility Manager (AMM) platforms (paid option).
Ideal Applications
Future-ready, reliable connectivity in Commercial IoT applications:
Ÿ
Digital Signage
Ÿ
EV Charging
Ÿ
Smart Agriculture
Ÿ
Smart Lockers
Ÿ
Manufacturing
Benefits
Ÿ
Reliably connect and gain intelligence from distributed IoT assets in indoor or protected
outdoor locations
Ÿ
Ultra-low power consumption, ideal for solar/battery powered installations
Ÿ
Compact 5G RedCap solution with 2 antenna elements, bringing 5G connectivity in equipment
where traditional 5G eMBB may be impractical
Ÿ
Edge intelligence with industry-standard container support
Ÿ
Future-ready-connectivity with 5G RedCap and Wi-Fi 6 technologies
Ÿ
Remote router management and comprehensive services through AirLink Complete
• 2x2 5G RedCap + LTE
Cat-4
• 1x1 Wi-Fi 6 (optional)
• Dual-Band GNSS
• Dual Ethernet (1 Gbps)
• IP30 Rated
• Powered by AirLink® OS
and AirLink® Complete
KEY FEATURES


Similar Part No. - EX400

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
EX4000 JUNIPER-EX4000 Datasheet
1Mb / 14P
EX4000 LINE OF ETHERNET SWITCHES
EX4000-12MP JUNIPER-EX4000-12MP Datasheet
1Mb / 14P
EX4000 LINE OF ETHERNET SWITCHES
EX4000-12P JUNIPER-EX4000-12P Datasheet
1Mb / 14P
EX4000 LINE OF ETHERNET SWITCHES
EX4000-12T JUNIPER-EX4000-12T Datasheet
1Mb / 14P
EX4000 LINE OF ETHERNET SWITCHES
EX4000-24MP JUNIPER-EX4000-24MP Datasheet
1Mb / 14P
EX4000 LINE OF ETHERNET SWITCHES
More results

Similar Description - EX400

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WISE-1520 ADVANTECH-WISE-1520 Datasheet
382Kb / 2P
M2.COM Low Power Wi-Fi IoT Node
logo
TP-Link Technologies Co...
AC2300 TP-LINK-AC2300 Datasheet
2Mb / 7P
MU-MIMO Wi-Fi Router
AC2600 TP-LINK-AC2600 Datasheet
1Mb / 7P
MU-MIMO Wi-Fi Router
AC750 TP-LINK-AC750_V05 Datasheet
2Mb / 5P
AC750 Wi-Fi Travel Router
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
AX1500 TP-LINK-AX1500 Datasheet
1Mb / 7P
AX1500 Next-Gen Wi-Fi 6 Router
AX3000 TP-LINK-AX3000 Datasheet
1Mb / 7P
Dual Band Gigabit Wi-Fi 6 Router
logo
Qorvo, Inc
QPQ1906 QORVO-QPQ1906 Datasheet
299Kb / 5P
Wi-Fi/IoT bandBoost Filter
QM28011 QORVO-QM28011 Datasheet
1Mb / 20P
MHB, 2.4G Wi-Fi, and UHB/5G Wi-Fi 6E Antenna Triplexer
logo
Nordic Semiconductor
NRF7002 NORDIC-NRF7002 Datasheet
283Kb / 1P
Low-power Wi-Fi 6 companion IC providing seamless connectivity and Wi-Fi-based locationing
Version 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com