Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

95293 Datasheet(PDF) 9 Page - Amphenol Communications Solutions

Part # 95293
Description  BergStik® Headers Straight Unshrouded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

95293 Datasheet(HTML) 9 Page - Amphenol Communications Solutions

Back Button 95293 Datasheet HTML 2Page - Amphenol Communications Solutions 95293 Datasheet HTML 3Page - Amphenol Communications Solutions 95293 Datasheet HTML 4Page - Amphenol Communications Solutions 95293 Datasheet HTML 5Page - Amphenol Communications Solutions 95293 Datasheet HTML 6Page - Amphenol Communications Solutions 95293 Datasheet HTML 7Page - Amphenol Communications Solutions 95293 Datasheet HTML 8Page - Amphenol Communications Solutions 95293 Datasheet HTML 9Page - Amphenol Communications Solutions 95293 Datasheet HTML 10Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
BergStik® Headers Right-Angle Unshrouded
TECHNICAL INFORMATION
MATERIAL
§
Housing: High temperature thermoplastic
§
Flammability Rating: UL94V-0
§
Pin: Phosphor bronze
§
Plating: Gold / GXT® or tin over 1.27µm (50µin) nickel
MECHANICAL PERFORMANCE
§
Pin Retention Force to Housing: 9N min.
ELECTRICAL PERFORMANCE
§
Current Rating: 3A continuous 2A DC max. per contact for
fully energized connector
§
Insulation Resistance: 5000MΩ min.
§
Dielectric Withstanding Voltage: 1500Vrms min.
ENVIRONMENTAL
§
Operating Temperature Range: -65°C to +125°C
SPECIFICATIONS
§
Product Specification: BUS-12-050 / BUS-12-144 (duplex
plated) / BUS-12-117 (press-fit)
APPROVALS & CERTIFICATION
§
UL Approval: LR46923
PACKAGING
§
Polybags
§
Optional: Tubes or tape-and-reel with pick-up cap
TOOLING INFORMATION
§
Insertion tool: 30AWG to 20AWG
TARGET MARKETS/APPLICATIONS
Personal Care Devices (Air Dryer)
Home Care Devices (Cleaning Robot)
Home Automation (Alarm System)
Server
Storage
Industrials (Robotics, PLC, Power tool)
PART NUMBERS
Description
Part Numbers
Unshrouded Header, Horizontal, Single Row, TMT/PIP
77315
Unshrouded Header, Horizontal, Single Row, SMT
10119333
Unshrouded Header, Horizontal, Double Row, TMT/PIP
77317
Unshrouded Header, Horizontal, Double Row, SMT
10118084



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com