Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9012 Datasheet(PDF) 12 Page - Mosel Vitelic, Corp

Part # MSM9012
Description  20 VOICE SMART
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSM9012 Datasheet(HTML) 12 Page - Mosel Vitelic, Corp

Back Button MSM9012 Datasheet HTML 4Page - Mosel Vitelic, Corp MSM9012 Datasheet HTML 5Page - Mosel Vitelic, Corp MSM9012 Datasheet HTML 6Page - Mosel Vitelic, Corp MSM9012 Datasheet HTML 7Page - Mosel Vitelic, Corp MSM9012 Datasheet HTML 8Page - Mosel Vitelic, Corp MSM9012 Datasheet HTML 9Page - Mosel Vitelic, Corp MSM9012 Datasheet HTML 10Page - Mosel Vitelic, Corp MSM9012 Datasheet HTML 11Page - Mosel Vitelic, Corp MSM9012 Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MOSEL VITELIC
Product Request Form B : Mask Definitions
PID219D 02/96
T I T L E
Signature & date
MVI sales & date
Power bias
LCD driver &
display frequency
S-port defined
M-port defined
Interrupt switch
Interrupt edge
Power-on mode
External Reset
Chatter Removal time
Set time
Oscillator
System Clock
Alarm frequency
P-port
Input port signal
Light mode
Reset level
I/O port
Light
Li - 1/2 Bias
1/2 duty 128 Hz
1/3 duty 170.7 Hz
Static 128 Hz
Open
Open
Pull down
Rising
BackUp
and PowerOn reset
8 mS time
Slower (Tk=512 mS)
Crystal
Fast (Fosc)
Level shift
Level shift
Level shift
Always
High
Level shift
Level shift
1/2 duty 64 Hz
1/3 duty 85.3 Hz
Static 64 Hz
Hold transistor
Hold transistor
Pull up
Falling
Non-BackUp
Only
2 mS time
Faster (Tk=8000uS)
Slow (Fosc/2)
1/2 duty 32 Hz
1/3 duty 42.7 Hz
Static 32 Hz
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Mask options
S e l e c t i o n s
V
V
V
V
V
V
V
V
V
note
note
note
Note 9 : For S port and M port
Note 10 : Set time = (set value + 1) * Tk / Fosc ; Fosc is in KHz
Note 15 : Input port control signal level shift, J48, J49
MSu001/u001T
12/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com