Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4NK60Z
Description  N-channel 600 V - 1.76 Ω - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP4NK60Z Datasheet HTML 1Page - STMicroelectronics STP4NK60Z Datasheet HTML 2Page - STMicroelectronics STP4NK60Z Datasheet HTML 3Page - STMicroelectronics STP4NK60Z Datasheet HTML 4Page - STMicroelectronics STP4NK60Z Datasheet HTML 5Page - STMicroelectronics STP4NK60Z Datasheet HTML 6Page - STMicroelectronics STP4NK60Z Datasheet HTML 7Page - STMicroelectronics STP4NK60Z Datasheet HTML 8Page - STMicroelectronics STP4NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
April 2008
Rev 6
1/20
20
STB4NK60Z, STB4NK60Z-1, STD4NK60Z
STD4NK60Z-1, STP4NK60Z,STP4NK60ZFP
N-channel 600 V - 1.76
Ω - 4 A SuperMESH™ Power MOSFET
DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
Features
■ 100% avalanche tested
■ Very low intrinsic capacitances
Application
■ Switching applications
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Such series complements ST full range of high
voltage MOSFETs including revolutionary
MDmesh™ products.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
PW
ID
STB4NK60Z
STB4NK60Z-1
STD4NK60Z
STD4NK60Z-1
STP4NK60Z
STP4NK60ZFP
600 V
600 V
600 V
600 V
600 V
600 V
< 2
Ω
< 2
Ω
< 2
Ω
< 2
Ω
< 2
Ω
< 2
Ω
70 W
70 W
70 W
70 W
70 W
25 W
4 A
4 A
4 A
4 A
4 A
4 A
1
2
3
3
2
1
1
3
1
2
3
1
2
3
1
3
TO-220
IPAK
DPAK
I²PAK
D²PAK
TO-220FP
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB4NK60Z
B4NK60Z
D²PAK
Tape and reel
STB4NK60Z-1
B4NK60Z
I²PAK
Tube
STD4NK60Z
D4NK60Z
DPAK
Tape and reel
STD4NK60Z-1
D4NK60Z
IPAK
Tube
STP4NK60Z
P4NK60Z
TO-220
Tube
STP4NK60ZFP
P4NK60ZFP
TO-220FP
Tube
www.st.com


Similar Part No. - STP4NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NK60Z STMICROELECTRONICS-STP4NK60Z Datasheet
759Kb / 16P
N-CHANNEL600V-1.76ohm-4ATO-220/FP/DPAK/IPAK/D2PAK/I2PAK Zener-Protected SuperMESH™ Power MOSFET
Mar-2003
STP4NK60Z STMICROELECTRONICS-STP4NK60Z Datasheet
970Kb / 28P
N-channel 600 V, 1.76 Ω, 4 A SuperMESH™Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
11-Jul-2011
logo
VBsemi Electronics Co.,...
STP4NK60Z VBSEMI-STP4NK60Z Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STP4NK60ZFP STMICROELECTRONICS-STP4NK60ZFP Datasheet
759Kb / 16P
N-CHANNEL600V-1.76ohm-4ATO-220/FP/DPAK/IPAK/D2PAK/I2PAK Zener-Protected SuperMESH™ Power MOSFET
Mar-2003
STP4NK60ZFP STMICROELECTRONICS-STP4NK60ZFP Datasheet
970Kb / 28P
N-channel 600 V, 1.76 Ω, 4 A SuperMESH™Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
11-Jul-2011
More results

Similar Description - STP4NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
N-channel 600 V - 0.37 Ω - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
03-Mar-2008
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
N-channel 600 V - 1 Ω - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
22-Nov-2007
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
N-channel 600 V, 0.37 Ω, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
03-Mar-2009
STD11NM60ND STMICROELECTRONICS-STD11NM60ND_10 Datasheet
756Kb / 19P
N-channel 600 V, 0.37 廓, 10 A, FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
25-Oct-2010
STD4NK60ZT4 STMICROELECTRONICS-STD4NK60ZT4 Datasheet
970Kb / 28P
N-channel 600 V, 1.76 Ω, 4 A SuperMESH™Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
11-Jul-2011
STF5NK52ZD STMICROELECTRONICS-STF5NK52ZD Datasheet
777Kb / 17P
N-channel 520 V,1.22 Ω,4.4 A,TO-220,IPAK,I2PAK,DPAK,TO-220FP Zener-protected SuperMESH™ Power MOSFET
15-Sep-2008
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
N-channel 600 V, 0.85 Ω, 4.6 A MDmesh™ II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
21-Jan-2009
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1_V01 Datasheet
731Kb / 32P
N-channel 600 V, 1.7 Ω typ., 4 A SuperMESH™ Power MOSFETs in I2PAK, D2PAK, IPAK and DPAK packages
05-Apr-2018
STD5NM60 STMICROELECTRONICS-STD5NM60_V01 Datasheet
558Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com