Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60H03DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP60H03DF
Description  30V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP60H03DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP60H03DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP60H03DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP60H03DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP60H03DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP60H03DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP60H03DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP60H03DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP60H03DF
30V N+N-Channel Enhancement Mode MOSFET
AP60H03DF REV1.0
永源微電子科技有限公司
Description
The AP60H03DF uses advanced APM-SGT V technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 30V ID =60A
RDS(ON) < 6.5mΩ @ VGS=10V (Type:4.8mΩ)
Ciss≈1010 PF
Application
Buck
Boost
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP60H03DF
PDFN3*3-8L
AP60H03DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V1
60
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V1
32
A
IDM
Pulsed Drain Current
300
A
EAS
Single Pulsed Avalanche Energy
28.8
mJ
IAS
Avalanche Current
24
A
PD@TC=25
℃
Power Dissipation
24
W
TJ TSTG
Operating Junction Temperature Range
-55 to 150
°C
RθJA
Thermal Resistance Junction-Ambient 1
62.5
°C/W
RθJC
Thermal Resistance, Junction to Case
5.2
℃/W


Similar Part No. - AP60H03DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP60H03GD APME-AP60H03GD Datasheet
1Mb / 7P
30V NN-Channel Enhancement Mode MOSFET
More results

Similar Description - AP60H03DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW6H03S YFWDIODE-YFW6H03S Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW7H03DF YFWDIODE-YFW7H03DF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H03DF YFWDIODE-YFW10H03DF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H03S YFWDIODE-YFW10H03S Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H03NF YFWDIODE-YFW20H03NF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80H03GD YFWDIODE-YFW80H03GD Datasheet
2Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com