Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60H06NF2 Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP60H06NF2
Description  65V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP60H06NF2 Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP60H06NF2 Datasheet HTML 1Page - A POWER MICROELECTRONICS AP60H06NF2 Datasheet HTML 2Page - A POWER MICROELECTRONICS AP60H06NF2 Datasheet HTML 3Page - A POWER MICROELECTRONICS AP60H06NF2 Datasheet HTML 4Page - A POWER MICROELECTRONICS AP60H06NF2 Datasheet HTML 5Page - A POWER MICROELECTRONICS AP60H06NF2 Datasheet HTML 6Page - A POWER MICROELECTRONICS AP60H06NF2 Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP60H06NF2
65V N-Channel Enhancement Mode MOSFET
AP60H06NF2 REV1.0
永源微電子科技有限公司
Description
The AP60H06NF2 uses advanced APM-SGTⅠⅠtechnology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 65V ID =60A
RDS(ON) < 9.0mΩ @ VGS=10V (Type:7.5mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP60H06NF2
PDFN5*6-8L
AP60H06NF2 XXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain source voltage
60
V
VGS
Gate source voltage
±20
V
ID@TA=25
℃
Continuous drain current
65
A
ID@TA=70
℃
Continuous drain current
31
A
IDM
Pulsed drain current
240
A
PD@TA=25
℃
Power dissipation
33.1
W
EAS
Single pulsed avalanche energy
130
mJ
TSTG
Storage Temperature Range
-55 to 150
℃
Tj
Operation and storage temperature
-55 to 150
℃
RθJC
Thermal resistance, junction-case
2.1
°C/W
RθJA
Thermal resistance, junction-ambient5)
25
°C/W


Similar Part No. - AP60H06NF2

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP60H06DF2 APME-AP60H06DF2 Datasheet
861Kb / 7P
65V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP60H06NF2

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY80N07T HY-HY80N07T Datasheet
228Kb / 4P
65V / 80A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM070N07PQ56 TSC-TSM070N07PQ56 Datasheet
487Kb / 6P
65V N-Channel MOSFET
logo
PFC Device Inc.
PRM2R8N06N5 PFC-PRM2R8N06N5 Datasheet
858Kb / 8P
65V Single N-Channel MOSFET
PRM3R3N06CT PFC-PRM3R3N06CT Datasheet
898Kb / 8P
65V Single N-Channel MOSFET
PRM3R5N06D PFC-PRM3R5N06D Datasheet
875Kb / 8P
65V Single N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com