Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60N02BD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP60N02BD
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP60N02BD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP60N02BD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP60N02BD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP60N02BD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP60N02BD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP60N02BD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP60N02BD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP60N02BD Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP60N02BD
20V N-Channel Enhancement Mode MOSFET
AP60N02BD RVE1.0
永源微電子科技有限公司
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP60N02BD
TO-252-3L
AP60N02BD XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID@TA=25℃
Continuous Drain Current, VGS @ 4.5V
60
A
ID@TA=70℃
Continuous Drain Current, VGS @ 4.5V
39
A
IDM
Pulsed Drain Current note1
200
A
EAS
Single Pulsed Avalanche Energy note2
47.6
mJ
PD@TA=25℃
Power Dissipation
37
W
RθJC
Thermal Resistance, Junction to Case
4
℃
/W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
℃
Description
The AP60N02BD uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS=20V ID=60A
RDS(ON) < 6.5mΩ @ VGS=4.5V (Type:4.8mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply


Similar Part No. - AP60N02BD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP60N02DF APME-AP60N02DF Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
AP60N02NF APME-AP60N02NF Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP60N02BD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com