Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60N02DF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP60N02DF
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP60N02DF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP60N02DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP60N02DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP60N02DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP60N02DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP60N02DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP60N02DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP60N02DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP60N02DF
20V N-Channel Enhancement Mode MOSFET
AP60N02DF RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
20
24
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=20V, VGS=0V,
-
-
1.0
μA
IGSS
Gate to Body Leakage Current
VDS=0V, VGS=±12V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250μA
0.5
0.7
1.2
V
RDS(on)
Static Drain-Source on-Resistance note3
VGS=4.5V, ID=30A
-
4.8
6.5
mΩ
VGS=2.5V, ID=20A
-
8.2
10
Ciss
Input Capacitance
VDS=10V, VGS=0V,
f = 1.0MHz
-
1832
-
pF
Coss
Output Capacitance
-
289
-
pF
Crss
Reverse Transfer Capacitance
-
271
-
pF
Qg
Total Gate Charge
VDS=10V, ID=30A,
VGS=4.5V
-
23
-
nC
Qgs
Gate-Source Charge
-
4.5
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
7.3
-
nC
td(on)
Turn-on Delay Time
VDS=10V,
ID=30A, RGEN=3Ω,
VGS =4.5V
-
15
-
ns
tr
Turn-on Rise Time
-
37
-
ns
td(off)
Turn-off Delay Time
-
52
-
ns
tf
Turn-off Fall Time
-
21
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
60
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
210
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS=25A
-
-
1.2
V
Notes:
1、Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
2、The test condition is, VDD=10V, VG=4.5V, L=0.5mH, RG=25Ω, IAS=13.8A
3、The data tested by pulsed Pulse Test: Pulse Width≤300μs, Duty Cycle≤0.5%
4、The power dissipation is limited by 150℃ junction temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com