Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60N06NF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP60N06NF
Description  65V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP60N06NF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP60N06NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP60N06NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP60N06NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP60N06NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP60N06NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP60N06NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP60N06NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP60N06NF
65V N-Channel Enhancement Mode MOSFET
AP60N06NF REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250µA
65
72
-
V
lGSS
Gate-body Leakage Current
VDS=0V, VGS=±20V
-
-
±100
nA
IDSS TJ=25°C
Zero Gate Voltage Drain Current
VDS=65V, VGS=0V
1
μA
IDSS TJ=100°C
100
VGS(th)
Gate-Threshold Voltage
VDS=VGS, ID=250µA
1.2
1.7
2.5
V
RDS(on)
Drain-Source On-Resistance4
VGS=10V, ID=20A
-
9.5
13
mΩ
RDS(on)
Drain-Source On-Resistance4
VGS=4.5V, ID=10A
13
18
mΩ
gfs
Forward Transconductance4
VDS = 10V, ID = 10A
-
81
-
S
Ciss
Input Capacitance
VDS=30V,VGS=0V,
f =1MHz
-
731
-
pF
Coss
Output Capacitance
-
224
-
Crss
Reverse Transfer Capacitance
-
7.4
-
Rg
Gate Resistance
f=1MHz
-
2.5
-
Ω
Qg
Total Gate Charge
VGS=10V, VDS=30V,
ID= 20A
-
13.9
-
nC
Qgs
Gate-Source Charge
-
1.6
-
Qgd
Gate-Drain Charge
-
3.1
-
td(on)
Turn-On Delay Time
VGS=10V, VDD=30V,
RG= 1.5Ω, ID=15A
-
3.7
-
ns
tr
Rise Time
-
4.3
-
td(off)
Turn-Off Delay Time
-
16.2
-
tf
Fall Time
-
6.5
-
trr
Body Diode Reverse Recovery Time
IF=15A, dl/dt=100A/μs
-
24
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
9.3
-
nC
VSD
Diode Forward Voltage4
IS=15A, VGS = 0V
-
-
1.2
V
IS
Continuous Source Current
TA=25°C
-
-
65
A
Note
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=48V,VGS=10V,L=0.1mH,IAS=18A
4、The power dissipation is limited by 150
℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com