Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60N08DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP60N08DF
Description  85V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP60N08DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP60N08DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP60N08DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP60N08DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP60N08DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP60N08DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP60N08DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP60N08DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP60N08DF
85V N-Channel Enhancement Mode MOSFET
AP60N08DF REV1.0
永源微電子科技有限公司
Description
The AP60N08DF uses advanced APM-SGT II technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V.
This device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 80V ID =60A
RDS(ON) < 8.0mΩ VGS=10V (Type:6.8mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP60N08DF
PDFN3X3-8L
AP60N08DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
80
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
60
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
38
A
IDM
Pulsed Drain Current
200
A
EAS
Single Pulse Avalanche Energy
45
mJ
PD@TC=25℃
Total Power Dissipation4
52
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient
75
℃
/W
RθJC
Thermal Resistance Junction-Case
2.4
℃
/W


Similar Part No. - AP60N08DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP60N02BD APME-AP60N02BD Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
AP60N02DF APME-AP60N02DF Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
AP60N02NF APME-AP60N02NF Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
AP60N03BD APME-AP60N03BD Datasheet
869Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP60N03DF APME-AP60N03DF Datasheet
803Kb / 7P
30V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP60N08DF

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
logo
MORE Semiconductor Comp...
MSN0980K MORESEMI-MSN0980K Datasheet
484Kb / 6P
85V(D-S) N-Channel Enhancement Mode Power MOS FET
logo
DIYI Electronic Technol...
DMT80N85 DYELEC-DMT80N85 Datasheet
1Mb / 7P
85V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com