Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP6502 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP6502
Description  24W Max Synchronous Rectified Buck Converter for DCP/QC2.0/QC3.0/FCP/ SCP/ AFC/SFCP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6502 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP6502 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6502 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IP6505
V1.4.1
http://www.injoinic.com/
2 / 11
Copyright © 2017, Injoinic Corp.
VOUT
IP6505
ESOP8
SW
VIN
SW
ESOP8
1
2
3
4
5
6
7
8
DP
NC
BST
DM
Car Charger
VOUT
DM
DP
VIN (4.5~32V)
L2
C1
C2
C3
C4
C5
L1
VOUT
Figure 1
IP6505 simplified application schematic
4 Pin Definition
1
2
3
4
5
6
7
8
DP
DM
SW
SW
BST
NC
VIN
VOUT
IP6505
ESOP8
Figure 2 Pin Assignment
PIN list:
Pin
Description
No
Name
1, 2
SW
DCDC switch node, connect to the inductor
3
BST
Boost strap circuit pin, place capacitor close to the BST pin and LX pin,
providing drive voltage for the gate of the upper MOSFET
4
NC
Float pin, do not connect
5
DM
Connect to USB DM data line
6
DP
Connect to USB DP data line
7
VIN
Input voltage, place filter capacitor (22uF recommended) near this
pin.
8
VOUT
Output voltage feedback
9(EPAD)
GND
Power and heat dissipation ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com