Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640CB Datasheet(PDF) 28 Page - STMicroelectronics

Part # M28W640CB
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640CB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M28W640CB Datasheet HTML 24Page - STMicroelectronics M28W640CB Datasheet HTML 25Page - STMicroelectronics M28W640CB Datasheet HTML 26Page - STMicroelectronics M28W640CB Datasheet HTML 27Page - STMicroelectronics M28W640CB Datasheet HTML 28Page - STMicroelectronics M28W640CB Datasheet HTML 29Page - STMicroelectronics M28W640CB Datasheet HTML 30Page - STMicroelectronics M28W640CB Datasheet HTML 31Page - STMicroelectronics M28W640CB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
M28W640CT, M28W640CB
28/54
Table 17. Write AC Characteristics, Chip Enable Controlled
Note: 1. Sampled only, not 100% tested.
2. Applicable if VPP is seen as a logic input (VPP <3.6V).
Symbol
Alt
Parameter
M28W640C
Unit
80
90
tAVAV
tWC
Write Cycle Time
Min
80
90
ns
tAVEH
tAS
Address Valid to Chip Enable High
Min
45
50
ns
tDVEH
tDS
Data Valid to Chip Enable High
Min
45
50
ns
tEHAX
tAH
Chip Enable High to Address
Transition
Min
0
0
ns
tEHDX
tDH
Chip Enable High to Data Transition
Min
0
0
ns
tEHEL
tCPH Chip Enable High to Chip Enable Low
Min
25
30
ns
tEHGL
Chip Enable High to Output Enable
Low
Min
25
30
ns
tEHWH
tWH
Chip Enable High to Write Enable High
Min
0
0
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
Min
45
50
ns
tELQV
Chip Enable Low to Output Valid
Min
80
90
ns
tQVVPL
(1,2)
Output Valid to VPP Low
Min
0
0
ns
tQVWPL
Data Valid to Write Protect Low
Min
0
0
ns
tVPHEH
(1)
tVPS
VPP High to Chip Enable High
Min
200
200
ns
tWLEL
tCS
Write Enable Low to Chip Enable Low
Min
0
0
ns
tWPHEH
Write Protect High to Chip Enable High
Min
45
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com