Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60P02D Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP60P02D
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP60P02D Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP60P02D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP60P02D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP60P02D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP60P02D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP60P02D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP60P02D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP60P02D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP60P02D
-20V P-Channel Enhancement Mode MOSFET
AP60P02D REV1.1
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250µA
-20
-22
-
V
lGSS
Gate-body Leakage current
VDS = 0V, VGS = ±10V
-
-
±100 nA
IDSS
Zero Gate Voltage Drain Current TJ=25°C
VDS = -20V, VGS = 0V
-
-
-1
μA
Zero Gate Voltage Drain Current TJ=100°C
-
-
-100
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = -250µA
-0.5
0.7
-1.2
V
RDS(on)
Drain-Source on-Resistance4
VGS = -4.5V, ID = -20A
-
6.8
8.5
mΩ
VGS = -2.5V, ID = -15A
-
7.5
9.0
gfs
Forward Transconductance4
VDS= -5V, ID= -15A
-
78
-
S
Ciss
Input Capacitance
VDS = -10V, VGS =0V,
f =1MHz
-
3560
-
pF
Coss
Output Capacitance
-
500
-
Crss
Reverse Transfer Capacitance
-
430
-
Rg
Gate Resistance
f = 1MHz
-
11
-
Ω
Qg
Total Gate Charge
VGS = -4.5V, VDS = -10V,
ID= -15A
-
43
-
nC
Qgs
Gate-Source Charge
-
7.9
-
Qgd
Gate-Drain Charge
-
11.2
-
td(on)
Turn-on Delay Time
VGS = -4.5V, VDD = -10V, RG =
3Ω, ID= -15A,
-
14.5
-
ns
tr
Rise Time
-
20.2
-
td(off)
Turn-off Delay Time
-
93
-
tf
Fall Time
-
161
-
trr
Body Diode Reverse Recovery Time
IF = -15A, dIF/dt = 100A/µs
-
28
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
25.7
-
nC
VSD
Diode Forward Voltage4
IS = -1A, VGS = 0V
-
-
-1.2
V
IS
Continuous Source Current
TC=25°C
-
-
-65
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The EAS data shows Max. rating . The test condition is VDD=-16V,VGS=-10V,L=0.1mH,IAS=12A
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com