Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIS10 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIS10
Description  SMD VCXO in CO 26 package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS10 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIS10 Datasheet HTML 1Page - Advanced XTAL Products AXIS10 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIS10
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIS10
Issue: 03
Date: 2005-06-10
Oscillator type :
SMD VCXO in CO 26 package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
1.544
100
MHz
Standard frequencies
16.384/19.440/38.880/52.000 MHz
Frequency stability
-20
20
ppm
See Note 1
Initial tolerance
±5
ppm
vs. temperature in operating
temperature range (steady state)
ppm
vs. supply voltage variation
-3
3
ppm
VS ±5%
vs. load change
-1
1
ppm
Load ±5%
long term (aging) per year
±1
ppm/year @ 40°C
Frequency adjustment range
Electronic Frequency Control (EFC)
± 100
ppm
EFC voltage VC
0.5
0.3
4.5
3.0
V
V
Option I = ”50”
Option I = “33”
EFC slope (
∆f / ∆V
C)
positive
EFC linearity
10
%
EFC input impedance
100
k
Ω
RF output
Signal waveform
HCMOS
Output signal HIGH
VOH
2.4
VS-0.5V
V
V
TTL load (fan-out 2)
HCMOS load 15 pF
Output signal LOW
VOL
0.4
0.5
V
V
TTL load (fan-out 2)
HCMOS load 15 pF
Rise & decay time
10
ns
according to logic
family
Symmetry (duty cycle)
40
60
%
@ VS/2
Start-up time
10
ms
Supply voltage VS
4.75
3.13
5.0
3.3
5.25
3.47
V
V
Option I = “50”
Option I = “33”
Current consumption (steady state)
45
85
mA
mA
Option I = “50”
Option I = “33”
Operating temperature range
-20
-40
+70
+85
°C
°C
Option II = “2070”
Option II = “4085”
Operable temperature range
-45
+90
°C
Storage temperature range
-55
+105
°C
Enclosure (see drawing)
(LxWxH)
14.4 x 9.5 x 5.5 max
mm
IEC 61837 CO 27
Weight
3
gram
Packing
Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as in IEC 61000-
4-2
Notes:
1.
Frequency stability = initial tolerance + stability vs. temperature
2.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
Ordering Code:
Model (Specification)
Option I
Option II
Frequency [MHz]
AXIS10
33
2070
52.000


Similar Part No. - AXIS10

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS1000 AXTAL-AXIS1000 Datasheet
103Kb / 3P
UHF Low Phase Noise VCXO in connectorized package
AXIS10LN AXTAL-AXIS10LN Datasheet
105Kb / 4P
Low Phase Noise SMD VCXO with HCMOS Output
More results

Similar Description - AXIS10

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
SMD PXO (Clock) in CO 26 package
2005-06-08
AXIS135M AXTAL-AXIS135M Datasheet
101Kb / 3P
VCXO in DIL8 package
AXLE145 AXTAL-AXLE145 Datasheet
147Kb / 4P
SMD (VC)TCXO in CO 26 or CO27 package
logo
Suzhou HangJing Electro...
VC32D6 HANGJING-VC32D6 Datasheet
311Kb / 1P
VCXO UNIT WITH LVDS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL PACKAGE.
VC32H4 HANGJING-VC32H4 Datasheet
306Kb / 1P
VCXO UNIT WITH HCMOS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL PACKAGE
VC32H6 HANGJING-VC32H6 Datasheet
311Kb / 1P
VCXO UNIT WITH HCMOS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL PACKAGE.
VC32P6 HANGJING-VC32P6 Datasheet
311Kb / 1P
VCXO UNIT WITH LVPECL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL PACKAGE.
VC53D6 HANGJING-VC53D6 Datasheet
309Kb / 1P
VCXO UNIT WITH LVDS OUTPUT IN SMD 5.0X3.2MM CERAMIC SEAM SEAL PACKAGE.
VC75D6 HANGJING-VC75D6 Datasheet
307Kb / 1P
VCXO UNIT WITH LVDS OUTPUT IN SMD 7.0X5.0MM CERAMIC SEAM SEAL PACKAGE
VC75P6 HANGJING-VC75P6 Datasheet
307Kb / 1P
VCXO UNIT WITH LVPECL OUTPUT IN SMD 7.0X5.0MM CERAMIC SEAM SEAL PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com