Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP70G06GD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP70G06GD
Description  60V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70G06GD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP70G06GD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70G06GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70G06GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70G06GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70G06GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70G06GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70G06GD Datasheet HTML 7Page - A POWER MICROELECTRONICS AP70G06GD Datasheet HTML 8Page - A POWER MICROELECTRONICS AP70G06GD Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP70G06GD
60V N+P-Channel Enhancement Mode MOSFET
AP70G06GD REV1.0
永源微電子科技有限公司
Description
The AP70G06GD uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 60V ID =70A
RDS(ON) < 15mΩ @ VGS=10V (Type:11mΩ)
VDS = -60V ID =-78A
RDS(ON) < 22mΩ @ VGS=-10V (Type:15mΩ)
Application
Wireless charging
Boost driver
Brushless motor
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP70G06GD
TO-252-4L
AP70G06GD XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
60
-60
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
70
-78
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
48.5
-47.5
A
IDM
Pulsed Drain Current2
280
-304
A
EAS
Single Pulse Avalanche Energy3
289
378
mJ
IAS
Avalanche Current
24
-35
A
PD@TC=25℃
Total Power Dissipation4
46
41.3
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃/W
RθJC
Thermal Resistance Junction-Case1
2.3
℃/W


Similar Part No. - AP70G06GD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AP7000-2 ATMEL-AP7000-2 Datasheet
198Kb / 13P
ATMEL Norway AS Vestre Roster 79 N-7075 TUKKER Norway
logo
Advanced Semiconductor
AP700C ASI-AP700C Datasheet
16Kb / 1P
SILICON PIN DIODE
AP700D ASI-AP700D Datasheet
13Kb / 1P
SILICON PIN DIODE
logo
A POWER MICROELECTRONIC...
AP70H02GD APME-AP70H02GD Datasheet
1Mb / 7P
20V NN-Channel Enhancement Mode MOSFET
REV1.0
AP70H03NF APME-AP70H03NF Datasheet
745Kb / 7P
30V NN-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP70G06GD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
DONGGUAN YOU FENG WEI E...
YFW10G06NF YFWDIODE-YFW10G06NF Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10G06S YFWDIODE-YFW10G06S Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G06S YFWDIODE-YFW8G06S Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G06GD YFWDIODE-YFW20G06GD Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com