Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIS30 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIS30
Description  Wideband VCXO with low jitter SMD replacement of Fujitsu M2 (F100)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS30 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIS30 Datasheet HTML 1Page - Advanced XTAL Products AXIS30 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIS30
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261)939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIS30
Issue: 08
Date: 2008-01-25
Oscillator type :
Wideband VCXO with low jitter
SMD replacement of Fujitsu M2 (F100)
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
10
90
MHz
Standard frequencies
12.288 / 16.384 / 22.579 /
24.576 / 27.000 / 28.224
MHz
Frequency stability
ppm
Initial tolerance
ppm
vs. temperature in operating frequency
range -20°~+70°C (see Note 2)
± 80
ppm
vs. supply voltage variation
-10
10
ppm
vs. load change
-5
5
ppm
long term (aging) 1
st year
-10
10
ppm
@ 40°C
Aging following years
-5
5
ppm
@ 40°C
Frequency adjustment range
Electronic Frequency Control (EFC)
range
*see Note 3
± 500
± 500
± 1000
± 1500
± 2000
± 2500
± 3000
± 1100
± 1600
± 2100
± 2600
± 3200
ppm
ppm
ppm
ppm
ppm
ppm
ppm
Option 2 = “ ”
Option 2 = “500”
Option 2 = “1000”
Option 2 = “1500”*
Option 2 = “2000”*
Option 2 = “2500”*
Option 2 = “3000”*
EFC voltage VC
0.25
0.15
4.75
3.15
V
V
Option 1 = “50“ (5 V)
Option 1 = “33” (3.3 V)
EFC slope (
∆f / ∆V
C)
positive
EFC input impedance
100
k
Ω
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
10
ns
Symmetry (duty cycle)
40
60
%
@ VS/2
Start-up time
4
ms
Supply voltage VS
4.75
3.13
5.0
3.3
5.25
3.47
V
V
Option 1 = “50“ (5 V)
Option 1 = “33” (3.3 V)
Current consumption (steady state)
40
mA
@ +25°C
Operable temperature range
-45
+90
°C
Storage temperature range
-50
+95
°C
Enclosure (see drawing)
14.4x9.5x6 max
mm
IEC 61837 CO 27
Weight
3
gram
Packing
Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as in IEC 61000-
4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Frequency vs. temperature response is a 2
nd order parabola with turn-over point around +20°C to +30°C
3.
*Pulling Range Option 2 = “1500” or larger only possible with EFC voltage 0.25V ~ 4.75 V
Ordering Code:
Option 1
Option 2
Model (Specification)
Supply
Pulling Range
Frequency [MHz]
AXIS30
50
500
28.224


Similar Part No. - AXIS30

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS10 AXTAL-AXIS10 Datasheet
55Kb / 2P
SMD VCXO in CO 26 package
2005-06-10
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS1000 AXTAL-AXIS1000 Datasheet
103Kb / 3P
UHF Low Phase Noise VCXO in connectorized package
AXIS10LN AXTAL-AXIS10LN Datasheet
105Kb / 4P
Low Phase Noise SMD VCXO with HCMOS Output
AXIS135M AXTAL-AXIS135M Datasheet
101Kb / 3P
VCXO in DIL8 package
More results

Similar Description - AXIS30

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS45 AXTAL-AXIS45 Datasheet
58Kb / 2P
Wideband VCXO in double-sealed DIL package Direct replacement of Fujitsu M2 (F100)
2006-07-11
logo
Pericom Semiconductor C...
ST1317BA PERICOM-ST1317BA Datasheet
654Kb / 6P
3.3V CMOS Ultra-Low Jitter Voltage Control VCXO
logo
Integrated Device Techn...
ICS813252I-02 IDT-ICS813252I-02 Datasheet
2Mb / 22P
VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS813322-02 IDT-ICS813322-02 Datasheet
446Kb / 20P
VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
logo
Pericom Semiconductor C...
FR-3.3V PERICOM-FR-3.3V Datasheet
251Kb / 4P
3.3V CMOS Ultra Low Jitter VCXO
YD-3.3V PERICOM-YD-3.3V Datasheet
282Kb / 4P
3.3V CMOS Ultra Low Jitter VCXO
YK-3.3V PERICOM-YK-3.3V Datasheet
261Kb / 4P
3.3V CMOS Ultra Low Jitter VCXO
YN-3.3V PERICOM-YN-3.3V Datasheet
260Kb / 4P
3.3V CMOS Ultra Low Jitter VCXO
logo
Golledge Electronics Lt...
GVXO-E33L GOLLEDGE-GVXO-E33L Datasheet
600Kb / 6P
3.3V Complementary LV-PECL VCXO with Low Phase Jitter
GVXO-L33L GOLLEDGE-GVXO-L33L Datasheet
597Kb / 5P
3.3V Complementary LVDS VCXO with Low Phase Jitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com