Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP70N06HT Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP70N06HT
Description  60V N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70N06HT Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP70N06HT Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70N06HT Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70N06HT Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70N06HT Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70N06HT Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70N06HT Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70N06HT Datasheet HTML 7Page - A POWER MICROELECTRONICS AP70N06HT Datasheet HTML 8Page - A POWER MICROELECTRONICS AP70N06HT Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP70N06HPIT
60V N-Channel Enhancement Mode MOSFET
AP70N06HP/T REV1.0
永源微電子科技有限公司
Description
The AP70N06HP/T uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 60V ID =70A
RDS(ON) < 13mΩ @ VGS=10V (Type:9.5mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP70N06HP
TO-220-3L
AP70N06HP XXXX YYYY
1000
AP70N06HT
TO-263-3L
AP70N06HP XXXX YYYY
1000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
Continuous Drain Current, VGS @ 10V1
70
A
ID@TC=100
Continuous Drain Current, VGS @ 10V1
30
A
IDM
Pulsed Drain Current2
90
A
EAS
Single Pulse Avalanche Energy3
89
mJ
IAS
Avalanche Current
25
A
PD@TC=25
Total Power Dissipation4
45
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
RθJA
Thermal Resistance Junction-Ambient 1
62
℃/W
RθJC
Thermal Resistance Junction-Case1
2.8
℃/W


Similar Part No. - AP70N06HT

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP70N06HD APME-AP70N06HD Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP70N06HT

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com