Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP70N20CF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP70N20CF
Description  200V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70N20CF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP70N20CF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70N20CF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70N20CF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70N20CF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70N20CF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70N20CF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70N20CF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP70N20CFIPIT
200V N-Channel Enhancement Mode MOSFET
AP70N20CF/P/T REV1.1
永源微電子科技有限公司
Description
The AP70N20CF/P/T is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 200V ID =70A
RDS(ON) < 48mΩ @ VGS=10V (Type:38mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP70N20CF
TO220F-3L
AP70N20CF XXX YYYY
1000
AP70N20CP
TO220-3L
AP70N20CP XXX YYYY
1000
AP70N20CT
TO263-3L
AP70N20CT XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
200
V
ID
Continuous Drain Current
70
A
IDM
Pulsed Drain Current
(note1)
240
A
VGS
Gate-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy (note2)
1700
mJ
IAR
Avalanche Current (note1)
20
A
EAR
Repetitive Avalanche Energy note1)
18
mJ
PD
Power Dissipation (TC = 25ºC)
250
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+175
ºC
RthJC
Thermal Resistance, Junction-to-Case
0.5
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
40
ºC/W


Similar Part No. - AP70N20CF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP70N20MP-L APME-AP70N20MP-L Datasheet
975Kb / 7P
200V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP70N20CF

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY18N20D HY-HY18N20D Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
HY18N20T HY-HY18N20T Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN20B28KTC DIODES-ZXMN20B28KTC Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZVNL120G DIODES-ZVNL120G_15 Datasheet
567Kb / 6P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMN20B28K DIODES-ZXMN20B28K_15 Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Shenzhen Huazhimei Semi...
HM2N20MR HMSEMI-HM2N20MR Datasheet
928Kb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMAK18N20 LEIDITECH-LMAK18N20 Datasheet
1Mb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJU18N20 PANJIT-PJU18N20 Datasheet
1Mb / 8P
200V N-Channel Enhancement Mode MOSFET
July 18,2017-REV.00
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
STD5N20LT4-TP TECHPUBLIC-STD5N20LT4-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com