Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP70N30CF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP70N30CF
Description  300V N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70N30CF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP70N30CF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70N30CF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70N30CF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70N30CF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70N30CF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70N30CF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70N30CF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP70N30CF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP70N30CF Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP70N30CFIPIT
300V N-Channel Enhancement Mode MOSFET
AP70N30CF/P/T RVE1.0
永源微電子科技有限公司
Description
The AP70N30CF is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 300V ID =70A
RDS(ON) < 65mΩ @ VGS=10V (Type:55mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP70N30CF
TO-220F-3L
AP70N30C F XXX YYYY
1000
AP70N30CP
TO-220-3L
AP70N30C P XXX YYYY
1000
AP70N30CT
TO-263-3L
AP70N30C T XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
300
V
ID
Continuous Drain Current
70
A
IDM
Pulsed Drain Current
210
A
VGSS
Gate-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
1350
mJ
IAS
Avalanche Current
17
A
EAR
Repetitive Avalanche Energy
525
mJ
PD
Power Dissipation (TC = 25ºC)
250
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
0.5
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
40
ºC/W


Similar Part No. - AP70N30CF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP70N30MP APME-AP70N30MP Datasheet
640Kb / 7P
300V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP70N30CF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
300V N-Channel MOSFET
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
300V N-Channel MOSFET
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
300V N-CHANNEL MOSFET
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
300V N-CHANNEL MOSFET
logo
Supertex, Inc
LP1030D SUTEX-LP1030D Datasheet
467Kb / 3P
300V, Dual P-Channel Enhancement-Mode Lateral MOSFET
logo
Shenzhen Huazhimei Semi...
HM5N30K HMSEMI-HM5N30K Datasheet
1Mb / 6P
300V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com