Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP70P03NF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP70P03NF
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70P03NF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP70P03NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70P03NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70P03NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70P03NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70P03NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70P03NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70P03NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP70P03NF RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25
℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-30
-34
---
V
△BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25
℃ , ID=-1mA
---
-0.0232
---
V/
℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V , ID=-20A
---
5.2
7.5
mΩ
VGS=-4.5V , ID=-15A
---
8.0
11
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.2
-1.4
-2.5
V
△VGS(th)
VGS(th) Temperature Coefficient
---
4.6
---
mV/
℃
IDSS
Drain-Source Leakage Current
VDS=-24V , VGS=0V , TJ=25
℃
---
---
-1
uA
VDS=-24V , VGS=0V , TJ=55
℃
---
---
-5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-30A
---
30
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
9.8
---
Ω
Qg
Total Gate Charge (-4.5V)
VDS=-15V , VGS=-4.5V
ID=-20A
---
35
---
nC
Qgs
Gate-Source Charge
---
9.9
---
Qgd
Gate-Drain Charge
---
10.5
---
Td(on)
Turn-On Delay Time
VDD=-15V , VGS=-10V ,
RG=3.0Ω
ID=-20A
---
10.8
---
ns
Tr
Rise Time
---
13.2
---
Td(off)
Turn-Off Delay Time
---
73
---
Tf
Fall Time
---
35
---
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
3520
---
pF
Coss
Output Capacitance
---
465
---
Crss
Reverse Transfer Capacitance
---
370
---
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
-70
A
ISM
Pulsed Source Current
---
---
-130
A
VSD
Diode Forward Voltage
VGS=0V , IS=-1A , TJ=25
℃
---
---
-1.3
V
trr
Reverse Recovery Time
IF=-20A , dI/dt=100A/µs ,
TJ=25
℃
---
25
---
nS
Qrr
Reverse Recovery Charge
---
10
---
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The power dissipation is limited by 175
℃ junction temperature
4、EAS condition: TJ=25
℃, VDD= -24V, VG= -10V, RG=7Ω, L=0.1mH, IAS= -40A
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
AP70P03NF
-30V P-Channel Enhancement Mode MOSFET



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com