Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP70P06NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP70P06NF
Description  -60V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70P06NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP70P06NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70P06NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70P06NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70P06NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70P06NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70P06NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70P06NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP70P06NF
-60V P-Channel Enhancement Mode MOSFET
AP70P06NF RVE 1.1
永源微电子科技有限公司
Description
The AP70P06NF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 6V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -60V ID =-70A
RDS(ON) < -14mΩ @ VGS=-10V (Type:11mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP70P06NF
PDFN5*6-8L
AP70P06NF XXX YYYY
2500
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, -VGS @ -10V1
-70
A
ID@TC=100℃
Continuous Drain Current, -VGS @ -10V1
-42
A
IDM
Pulsed Drain Current2
-280
A
EAS
Single Pulse Avalanche Energy3
484
mJ
IAS
Avalanche Current
41
A
PD@TC=25℃
Total Power Dissipation4
110
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
1.4
℃
/W
RθJC
Thermal Resistance Junction-Case1
62.5
℃
/W


Similar Part No. - AP70P06NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP70P06D APME-AP70P06D Datasheet
1Mb / 7P
-60V P-Channel Enhancement Mode MOSFET
AP70P06P APME-AP70P06P Datasheet
1Mb / 8P
-60V P-Channel Enhancement Mode MOSFET
AP70P06PT APME-AP70P06PT Datasheet
1Mb / 8P
-60V P-Channel Enhancement Mode MOSFET
AP70P06T APME-AP70P06T Datasheet
1Mb / 8P
-60V P-Channel Enhancement Mode MOSFET
More results

Similar Description - AP70P06NF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com