Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP70P06P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP70P06P
Description  -60V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70P06P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP70P06P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70P06P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70P06P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70P06P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70P06P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70P06P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70P06P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP70P06P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP70P06PIT
-60V P-Channel Enhancement Mode MOSFET
AP70P06P/T RVE 1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V ID=-250μA
-60
-72
V
IDSS
Zero Gate Voltage Drain Current
VDS=-60V, VGS=0V
-1
μA
IGSS
Gate-Body Leakage Current
VGS=±20V, VDS=0V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250μA
-1
-1.8
-2.5
V
gFS
Forward Transconductance
VDS=-5V, ID=-20A
38
S
RDS(ON)
Drain-Source On-State Resistance
VGS=-10V, ID=-20A
11
14
mΩ
VGS=-4.5V, ID=-15A
14.3
18.6
mΩ
Ciss
Input Capacitance
VDS=-25V, VGS=0V, f=1.0MHz
8700
pF
Coss
Output Capacitance
290
pF
Crss
Reverse Transfer Capacitance
210
pF
td(on)
Turn-on Delay Time
VGS=-10V, VDS=-30V,
RL=1.5Ω, RGEN=3Ω
26
nS
tr
Turn-on Rise Time
21
nS
td(off)
Turn-Off Delay Time
138
nS
tf
Turn-Off Fall Time
30
nS
Qg
Total Gate Charge
VGS=-10V, VDS=-30V, ID=-20A
140
nC
Qgs
Gate-Source Charge
19
nC
Qgd
Gate-Drain Charge
28
nC
ISD
Source-Drain Current (Body Diode)
VGS=0V, IS=-20A
-70
A
VSD
Forward on Voltage (Note 3)
-1.2
V
trr
Reverse Recovery Time
IF=-20A, di/dt=100A/μs
56
ns
Qrr
Reverse Recovery Charge
IF=-20A, di/dt=100A/μs
63
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD =-48V,VGS =-10V,L=0.1mH,IAS =-41A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com