Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE10 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE10
Description  TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE10 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE10 Datasheet HTML 1Page - Advanced XTAL Products AXLE10 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXLE10
www.axtal.com
Wasemweg 5
page
1(2)
phone: +49 (6261) 939834
D-74921 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE10
Issue: 02
Date: 2005-05-22
Oscillator type :
TCXO
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
1.25
25
MHz
Standard frequencies
12.800 / 19.44
MHz
Frequency stability
ppm
Initial tolerance
± 1
ppm
@+25°C
Frequency stability
Temperature
Option I
vs. temperature in operating
temperature range (steady state)
-0.5
-1.5
-2.5
0.5
1.5
2.5
ppm
ppm
ppm
- 0°C ~ +50°C
-20°C ~ +70°C
-30°C ~ +75°C
“05”
“15”
“25”
vs. supply voltage variation
± 0.3
ppm
VS ± 5 %
vs. load change
± 0.1
ppm
RL ± 10 %
long term (aging) per year
± 1
ppm
@ +40°C
Frequency adjustment range
Electronic Frequency Control (EFC)
± 5
± 15
ppm
EFC voltage VC
0.5
0.3
4.5
3.0
V
V
Option II =”50”
Option II =”33”
EFC slope (
∆f / ∆V
C)
positive
EFC linearity
%
EFC input impedance
10
k
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
5
ns
Symmetry (duty cycle)
45
55
%
@ VS/2
Start-up time
10
ms
@ VS nom – 5%
Supply voltage VS
4.75
3.13
5.0
3.3
5.25
3.47
V
V
Option II =”50”
Option II =”33”
Current consumption (steady state @
+25°C)
10
20
mA
mA
Option II =”50”
Option II =”33”
Enable/disable function
Pin 2 = HIGH or OPEN: Output Enable
Pin 2 = LOW: Output High Z
Operable temperature range
-40
+85
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing)
15.1x9.5x6.0 max
mm
IEC 61837 CO 27
Weight
3
gram
Packing
Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as in IEC 61000-
4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
Ordering Code:
Model (Specification)
Option I
Option II
Frequency [MHz]
AXLE10
25
33
12.800


Similar Part No. - AXLE10

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
UHF Temperature Compensated Crystal Oscillator (TCXO)
AXLE10S AXTAL-AXLE10S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
More results

Similar Description - AXLE10

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
TCXO, VC-TCXO
logo
Vectron International, ...
TX-7040-EAE-2872-12M8 VECTRON-TX-7040-EAE-2872-12M8 Datasheet
143Kb / 5P
TCXO
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
TCXO/VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
SMPT-6 ACT-SMPT-6 Datasheet
741Kb / 3P
TCXO
08/10/2013
logo
IQD Frequency Products ...
LFTCXO063715 IQD-LFTCXO063715 Datasheet
491Kb / 2P
TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com