Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE10S Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE10S
Description  TCXO with Stratum III stability incl. holdover
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE10S Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE10S Datasheet HTML 1Page - Advanced XTAL Products AXLE10S Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXLE10S
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 930834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE10S
Issue: 02
Date: 2005-05-22
Oscillator type :
TCXO with Stratum III stability incl. holdover
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
1.25
20
MHz
Standard frequencies
1.544 / 12.800 / 16.384 /
19.440 / 20.000
MHz
Frequency stability
ppm
Initial tolerance
± 0.8
ppm
@+25°C
Frequency stability
Temperature
Option I
vs. temperature in operating
temperature range (steady state)
* see Note 3
± 0.28
± 0.28*
± 0.5
ppm
ppm
ppm
0°~+50°C
0°~+70°C
0°~+70°C
“528”
“728” *
“750”
vs. supply voltage variation
± 0.3
ppm
VS ± 5 %
vs. load change
± 0.1
ppm
RL ± 10 %
24 hours drift
± 0.04
ppm
GR-1244-CORE
24 hours holdover in operating
temperature range and VS ± 5 %
± 0.37
ppm
Not for option I = “750”
long term (aging) over 15 years
± 3
ppm
@ +40°C
Long term overall stability
2 15 years
± 4.6
ppm
See Note 2
Frequency adjustment range
Electronic Frequency Control (EFC)
N.A.
ppm
N.A.
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
5
ns
Symmetry (duty cycle)
45
55
%
@ VS/2
Start-up time
10
ms
@ VS – 5%
Supply voltage VS
4.75
3.13
5.0
3.3
5.25
3.47
V
V
Option II =”50”
Option II =”33”
Current consumption (steady state)
10
20
mA
mA
Option II =”50”
Option II =”33”
Enable/disable function
Pin 2 = HIGH or OPEN: Output Enable
Pin 2 = LOW: Output High Z
Operable temperature range
-20
+70
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing)
15.1x9.5x6.0 max
mm
IEC 61837 CO 27
Weight
3
gram
Packing
Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as in IEC 61000-4-
2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Overall frequency stability = initial tolerance + temp.stability + supply & load change + aging
3.
*Option I = “728” only available for frequencies 12.8 MHz and 19.44 MHz
Ordering Code:
Model (Specification)
Option I
Option II
Frequency [MHz]
AXLE10S
528
33
12.800


Similar Part No. - AXLE10S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE10 AXTAL-AXLE10 Datasheet
55Kb / 2P
TCXO
2005-05-22
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
UHF Temperature Compensated Crystal Oscillator (TCXO)
More results

Similar Description - AXLE10S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20S AXTAL-AXIOM20S Datasheet
57Kb / 2P
OCXO in DIL14 package with Stratum III stability
2008-04-04
AXIOM60 AXTAL-AXIOM60 Datasheet
54Kb / 2P
Miniature OCXO with Stratum III stability option
2005-07-15
AXLE20S AXTAL-AXLE20S Datasheet
69Kb / 2P
TCXO with Stratum III long-term stability option
2005-05-22
AXLE30S AXTAL-AXLE30S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
logo
QUARTZCOM the communica...
TXO-SW-H-5P-ST3 QUARTZCOM-TXO-SW-H-5P-ST3 Datasheet
163Kb / 1P
STRATUM III SMD TCXO HCMOS Overall stability 4.60 ppm including 20 years aging
logo
MMD Components
MTWC MMD-MTWC_12 Datasheet
147Kb / 3P
MTWC Series ??Femtocell Stratum III TCXO
MTWC1 MMD-MTWC1_12 Datasheet
147Kb / 3P
MTWC Series ??Femtocell Stratum III TCXO
MTWS MMD-MTWS_12 Datasheet
144Kb / 3P
MTWS Series ??Femtocell Stratum III TCXO
MTWS1 MMD-MTWS1_12 Datasheet
144Kb / 3P
MTWS Series ??Femtocell Stratum III TCXO
logo
Abracon Corporation
ABDFTCXO ABRACON-ABDFTCXO Datasheet
2Mb / 8P
DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com