Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE20 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE20
Description  TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE20 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE20 Datasheet HTML 1Page - Advanced XTAL Products AXLE20 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXLE20
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE20
Issue: 03
Date: 2005-05-22
Oscillator type :
TCXO
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
9
33
MHz
Standard frequencies
10 / 16.384 /19.44
MHz
Frequency stability
ppm
Initial tolerance
± 1
ppm
@+25°C
Frequency stability
Temperature
Option I
vs. temperature in operating
temperature range (steady state)
± 2.5
± 1.5
± 0.8
ppm
ppm
ppm
-40°~+85°C
-20°~+70°C
0°~+50°C
“25”
“15”
“08”
vs. supply voltage variation
± 0.2
ppm
vs. load change
± 0.2
ppm
long term (aging) per year
± 1
ppm
@ +40°C
Frequency adjustment range
Electronic Frequency Control (EFC)
± 5
ppm
EFC voltage VC
0.25
0.30
4.75
3.0
V
V
Option II = ”50”
Option II = ”33”
EFC slope (
∆f / ∆V
C)
negative
EFC linearity
%
EFC input impedance
100
k
Ω
RF output
Signal waveform
Clipped Sinus
Load
10 k
Ω // 10 pF
Amplitude
0.8
V
peak-to-peak
Start-up time
4
ms
Phase noise
@16.384 MHz
-85
-115
-130
-145
dBc
dBc
dBc
dBc
10 Hz
100 Hz
1000 Hz
10000 Hz
Supply voltage VS
4.75
3.13
5.0
3.3
5.25
3.47
V
Option II = ”50”
Option II = ”33”
Current consumption (steady state)
5
mA
@ +25°C
Operable temperature range
-45
+90
°C
Storage temperature range
-45
+90
°C
Enclosure (see drawing)
19.1x13.1x5 max
mm
IEC 61837 CO 30
Weight
5
gram
Packing
Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Overall frequency stability = initial tolerance + temp.stability + supply & load change + aging
Ordering Code:
Model (Specification)
Option I
Option II
Frequency [MHz]
AXLE20
25
33
12.800


Similar Part No. - AXLE20

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE20-12 AXTAL-AXLE20-12 Datasheet
67Kb / 2P
VHF TCXO, low noise
2005-07-15
AXLE2000 AXTAL-AXLE2000 Datasheet
105Kb / 4P
SHF Low Phase Noise TCXO in Connectorized Package
AXLE207M AXTAL-AXLE207M Datasheet
113Kb / 4P
(VC)TCXO in DIL14 package
2014-04-06
AXLE208 AXTAL-AXLE208 Datasheet
51Kb / 2P
TCXO
2008-05-07
AXLE20S AXTAL-AXLE20S Datasheet
69Kb / 2P
TCXO with Stratum III long-term stability option
2005-05-22
More results

Similar Description - AXLE20

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
TCXO, VC-TCXO
logo
Vectron International, ...
TX-7040-EAE-2872-12M8 VECTRON-TX-7040-EAE-2872-12M8 Datasheet
143Kb / 5P
TCXO
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
TCXO/VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
SMPT-6 ACT-SMPT-6 Datasheet
741Kb / 3P
TCXO
08/10/2013
logo
IQD Frequency Products ...
LFTCXO063715 IQD-LFTCXO063715 Datasheet
491Kb / 2P
TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com