Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE20S Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE20S
Description  TCXO with Stratum III long-term stability option
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE20S Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE20S Datasheet HTML 1Page - Advanced XTAL Products AXLE20S Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXLE20S
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE20S
Issue: 03
Date: 2005-05-22
Oscillator type :
TCXO with Stratum III long-term stability option
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
9
33
MHz
Standard frequencies
10 / 12.8 / 13 / 16.384 /19.44 MHz
Frequency stability
ppm
Initial tolerance
± 1
ppm
@+25°C
Frequency stability
Temperature
Option I
vs. temperature in operating
temperature range (steady state)
± 2.5
± 1.5
± 0.8
ppm
ppm
ppm
-40°~+85°C
-20°~+70°C
- 0°~+50°C
“25”
“15”
“08”
vs. supply voltage variation
± 0.2
ppm
vs. load change
± 0.2
ppm
24 hours drift
± 0.04
ppm
GR-1244-CORE
24 hours holdover
(only for Option I = “08”)
± 0.37
ppm
temperature change of
less than ± 3° (Note 3)
long term (aging) 1
st year
± 1
ppm
@ +40°C
Long term stability (overall)
2 15 years
± 4.6
ppm
See Notes 2 and 3
Frequency adjustment range
Electronic Frequency Control (EFC)
N.A.
ppm
N.A.
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
10
ns
Symmetry (duty cycle)
40
60
%
@ VS/2
Start-up time
4
ms
Phase noise
@16.384 MHz
-95
-125
-140
-145
dBc
dBc
dBc
dBc
10 Hz
100 Hz
1000 Hz
10000 Hz
Supply voltage VS
4.75
3.13
5.0
3.3
5.25
3.47
V
Option II =”50”
Option II=”33”
Current consumption (steady state)
25
mA
@ +25°C
Enable/disable function
Operable temperature range
-40
+85
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing)
19.1x13.1x5 max
mm
IEC 61837 CO 30
Weight
5
gram
Packing
Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Overall frequency stability = initial tolerance + temp.stability + supply & load change + aging
3.
Stratum III holdover and long term overall stability only available for Option I = “08”
Ordering Code:
Model (Specification)
Option I
Option II
Frequency [MHz]
AXLE20
25
33
12.800


Similar Part No. - AXLE20S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE20 AXTAL-AXLE20 Datasheet
70Kb / 2P
TCXO
2005-05-22
AXLE20-12 AXTAL-AXLE20-12 Datasheet
67Kb / 2P
VHF TCXO, low noise
2005-07-15
AXLE2000 AXTAL-AXLE2000 Datasheet
105Kb / 4P
SHF Low Phase Noise TCXO in Connectorized Package
AXLE207M AXTAL-AXLE207M Datasheet
113Kb / 4P
(VC)TCXO in DIL14 package
2014-04-06
AXLE208 AXTAL-AXLE208 Datasheet
51Kb / 2P
TCXO
2008-05-07
More results

Similar Description - AXLE20S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM60 AXTAL-AXIOM60 Datasheet
54Kb / 2P
Miniature OCXO with Stratum III stability option
2005-07-15
AXLE10S AXTAL-AXLE10S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
AXLE30S AXTAL-AXLE30S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
Excellent long term stability
logo
Silicon Laboratories
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
Excellent long term stability
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
Excellent long term stability
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
Excellent long-term stability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com