Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE40 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE40
Description  TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE40 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE40 Datasheet HTML 1Page - Advanced XTAL Products AXLE40 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXLE40
www.AXTAL.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE40
Issue: 02
Date: 2005-07-15
Oscillator type :
TCXO
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
2
150
MHz
Standard frequencies
10 / 16.384
MHz
Frequency stability
ppm
Initial tolerance
± 1
ppm
@+25°C
vs. temperature in operating
temperature range (steady state)
-2.5
2.5
ppm
Operating temperature range
-30
85
°C
Other stabilities on request
vs. supply voltage variation
± 0.3
ppm
Vs ± 5%
vs. load change
± 0.3
ppm
long term (aging) per year
± 1
ppm
@ +25°C
Frequency adjustment range
Mechanical (internal trimmer)
± 5
ppm
Option I =”T”
Electronic Frequency Control (EFC)
± 5
ppm
Option I =”V”
EFC voltage VC
(Option I =”V”)
0.5
0.5
4.5
2.5
V
V
Option II = ”50”
Option II = ”33”
EFC slope (
∆f / ∆V
C)
positive
Option I =”V”
EFC input impedance
10
k
Ω
Option I =”V”
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
10
ns
Symmetry (duty cycle)
45
55
%
@ VS/2
Start-up time
10
ms
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
V
Option II = ”50”
Option II = ”33”
Current consumption (steady state)
25
40
mA
mA
2 MHz ~ 27.0 MHz
27+ MHz ~ 150 MHz
Operable temperature range
-40
+85
°C
Storage temperature range
-45
+90
°C
Enclosure (see drawing)
20.7x13.1x5.5 max
mm
IEC 60679-3 CO 02
Weight
5
gram
Packing
Stick
ESD Sensitivity
1500
V
HBM as IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Overall frequency stability = initial tolerance + temp.stability + supply & load change + aging
Ordering Code:
Model (Specification)
Option I Option II
Frequency [MHz]
AXLE40
V
50
16.384


Similar Part No. - AXLE40

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE10 AXTAL-AXLE10 Datasheet
55Kb / 2P
TCXO
2005-05-22
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
UHF Temperature Compensated Crystal Oscillator (TCXO)
AXLE10S AXTAL-AXLE10S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
AXLE113A AXTAL-AXLE113A Datasheet
106Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm package
2014-04-06
AXLE114 AXTAL-AXLE114 Datasheet
108Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm gull wing package
2014-04-06
More results

Similar Description - AXLE40

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
TCXO, VC-TCXO
logo
Vectron International, ...
TX-7040-EAE-2872-12M8 VECTRON-TX-7040-EAE-2872-12M8 Datasheet
143Kb / 5P
TCXO
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
TCXO/VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
SMPT-6 ACT-SMPT-6 Datasheet
741Kb / 3P
TCXO
08/10/2013
logo
IQD Frequency Products ...
LFTCXO063715 IQD-LFTCXO063715 Datasheet
491Kb / 2P
TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com