Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW172T Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFSW172T
Description  SPECIFICATIONS FOR WHITE LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW172T Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFSW172T Datasheet HTML 1Page - NICHIA CORPORATION NFSW172T Datasheet HTML 2Page - NICHIA CORPORATION NFSW172T Datasheet HTML 3Page - NICHIA CORPORATION NFSW172T Datasheet HTML 4Page - NICHIA CORPORATION NFSW172T Datasheet HTML 5Page - NICHIA CORPORATION NFSW172T Datasheet HTML 6Page - NICHIA CORPORATION NFSW172T Datasheet HTML 7Page - NICHIA CORPORATION NFSW172T Datasheet HTML 8Page - NICHIA CORPORATION NFSW172T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NICHIA STS-DA1-1259A <Cat.No.101130>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
250
mA
Pulse Forward Current
IFP
350
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
875
mW
Operating Temperature
Topr
-40 ~ 100
°C
Storage Temperature
Tstg
-40 ~ 100
°C
Junction Temperature
TJ
150
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP conditions with pulse width ≤ 10 ms and duty cycle ≤ 10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ.
Unit
Forward Voltage
VF
IF=150mA
3.2
V
Luminous Flux
Φv
IF=150mA
50
lm
x
-
IF=150mA
0.31
-
Chromaticity Coordinate
y
-
IF=150mA
0.32
-
* Characteristics at TS=25°C.
* Luminous Flux value is traceable to the CIE 127:2007-compliant national standards.
* The Chromaticity Coordinates are derived from the CIE 1931 Chromaticity Diagram.
RANKS
Item
Rank
Min.
Max.
Unit
Forward Voltage
-
2.65
3.50
V
P15
60.5
72.0
P14
51.0
60.5
P13
42.8
51.0
Luminous Flux
P12
36.0
42.8
lm
Color Ranks
Rank b3
Rank b4
x
0.287
0.283
0.304
0.307
x
0.307
0.304
0.330
0.330
y
0.295
0.305
0.330
0.315
y
0.315
0.330
0.360
0.339
Rank b5
Rank b6
x
0.296
0.287
0.307
0.311
x
0.311
0.307
0.330
0.330
y
0.276
0.295
0.315
0.294
y
0.294
0.315
0.339
0.318
Rank c1
Rank c2
x
0.330
0.330
0.361
0.357
x
0.330
0.330
0.357
0.356
y
0.339
0.360
0.385
0.361
y
0.318
0.339
0.361
0.351
* Ranking at TS=25°C.
* Tolerance of measurements of the Forward Voltage is ±0.05V.
* Tolerance of measurements of the Luminous Flux is ±7%.
* Tolerance of measurements of the Chromaticity Coordinate is ±0.01.
* Basically, a shipment shall consist of the LEDs of a combination of the above ranks. The percentage of each rank
in the shipment shall be determined by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com